Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP82C52 Datasheet (PDF) - Intersil Corporation

IP82C52 Datasheet PDF - Intersil Corporation
Part # IP82C52
Download  IP82C52 Download
File Size   398.36 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Serial Controller Interface

IP82C52 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP82C52 Datasheet PDF - Intersil Corporation

Part # IP82C52
Download  IP82C52 Click to download

File Size   398.36 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Serial Controller Interface

IP82C52 Datasheet (HTML) - Intersil Corporation


IP82C52 Product details

The Intersil 82C52 is a high performance programmable Universal Asynchronous Receiver/Transmitter (UART) and Baud Rate Generator (BRG) on a single chip. Utilizing the Intersil advanced Scaled SAJI IV CMOS process, the 82C52 will support data rates up to 1M baud asynchronously with a 16X clock (16MHz clock frequency).
   
Features
• Single Chip UART/BRG
• DC to 16MHz (1M Baud) Operation
• Crystal or External Clock Input
• On-Chip Baud Rate Generator - 72 Selectable Baud Rates
• Interrupt Mode with Mask Capability
• Microprocessor Bus Oriented Interface
• 80C86 Compatible
• Single +5V Power Supply
• Low Power Operation. . . . . . . . . . . . . . . . . . . . 1mA/MHz Typ
• Modem Interface
• Line Break Generation and Detection
• Operating Temperature Range:
    - C82C52 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0°C to +70°C
    - I82C52. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
    - M82C52. . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
• Pb-Free Plus Anneal Available (RoHS Compliant)
   




Similar Part No. - IP82C52

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IP82C52 RENESAS-IP82C52 Datasheet
1,003Kb / 21P
CMOS Serial Controller Interface
More results


Similar Description - IP82C52

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
Serial Network Interface Controller
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
CMOS SNI Serial Network Interface
logo
TEMIC Semiconductors
TSS461 TEMIC-TSS461 Datasheet
215Kb / 24P
Van Controller Serial Interface
TSS463 TEMIC-TSS463 Datasheet
217Kb / 24P
Van Controller Serial Interface
logo
Zilog, Inc.
Z85C3010VEG ZILOG-Z85C3010VEG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008PEG ZILOG-Z85C3008PEG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008PSG ZILOG-Z85C3008PSG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008VSG ZILOG-Z85C3008VSG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3010VSG ZILOG-Z85C3010VSG Datasheet
547Kb / 83P
CMOS SCC Serial Communications Controller
logo
Renesas Technology Corp
82C52 RENESAS-82C52 Datasheet
1,003Kb / 21P
CMOS Serial Controller Interface
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com