Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-6664RH Datasheet (PDF) - Intersil Corporation

HS-6664RH Datasheet PDF - Intersil Corporation
Part # HS-6664RH
Download  HS-6664RH Download
File Size   258.36 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8kx8 CMOS PROM

HS-6664RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-6664RH Datasheet PDF - Intersil Corporation

Part # HS-6664RH
Download  HS-6664RH Click to download

File Size   258.36 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8kx8 CMOS PROM

HS-6664RH Datasheet (HTML) - Intersil Corporation


HS-6664RH Product details

The Intersil HS-6664RH is a radiation hardened 64k CMOS PROM, organized in an 8k word by 8-bit format. The chip is manufactured using a radiation hardened CMOS process, and utilizes synchronous circuit design techniques to achieve high speed performance with very low power dissipation.


Features
• Electrically Screened to SMD # 5962-95626
• QML Qualified per MIL-PRF-38535 Requirements
• 1.2 Micron Radiation Hardened Bulk CMOS
• Total Dose . . . . . . . . . . . . . . . . . . . . . . 300 krad(Si) (Max)
• Transient Output Upset . . . . . . . . . . . . . .>5x108 rad(Si)/s
• LET >100 MEV-cm2/mg
• Fast Access Time. . . . . . . . . . . . . . . . . . . . . . . 35ns (Typ)
• Single 5V Power Supply
• Single Pulse 10V Field Programmable
• Synchronous Operation
• On-Chip Address Latches
• Three-State Outputs
• NiCr Fuses
• Low Standby Current . . . . . . . . . . . . . . <500μA (Pre-Rad)
• Low Operating Current. . . . . . . . . . . . . . . . . . <15mA/MHz
• Military Temperature Range. . . . . . . . . . . -55°C to 125°C




Similar Part No. - HS-6664RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
Radiation Hardened 8K x 8 CMOS PROM
July 1999
More results


Similar Description - HS-6664RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
Radiation Hardened CMOS Analog Switches
September 1995
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
Radiation Hardened 2K x 8 CMOS PROM
1999 07
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
Radiation Hardened 2K x 8 CMOS PROM
1995 08
logo
Cypress Semiconductor
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
8Kx8 Power-Switched and Reprogrammable PROM
12/27/02
logo
Aeroflex Circuit Techno...
UT28F256 AEROFLEX-UT28F256 Datasheet
69Kb / 11P
Radiation-Hardened 32K x 8 PROM
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
Radiation Hardened 2K x 8 CMOS PROM
August 2000
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Cypress Semiconductor
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
8Kx8 Power-Switched and Reprogrammable PROM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
Radiation Hardened 8K x 8 CMOS PROM
July 1999
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com