Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAQ5283 Datasheet (PDF) - Micrel Semiconductor

MAQ5283 Datasheet PDF - Micrel Semiconductor
Part # MAQ5283
Download  MAQ5283 Download
File Size   828.53 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator

MAQ5283 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAQ5283 Datasheet PDF - Micrel Semiconductor

Part # MAQ5283
Download  MAQ5283 Click to download

File Size   828.53 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator

MAQ5283 Datasheet (HTML) - Micrel Semiconductor


MAQ5283 Product details

General Description
The MAQ5283 high-performance linear regulator offers a very-wide input operating voltage range, up to 120V DC, and supplies an output current of up to 150mA.
The MAQ5283 is ideal for high input voltage applications such as automotive, industrial, and telecom, because it offers ±3% initial accuracy, extremely high power supply rejection ratio (75dB at 10kHz) and an ultra-low quiescent current of 8µA. The MAQ5283 is optimized for high-voltage line transients, making it ideal for harsh environment applications.

Features
• AEC-Q100 qualified
• Wide input voltage range: 6V to 120V DC
• Ultra-low quiescent current: 8µA
• 150mA guaranteed output current
• Adjustable output from 1.23V to 5.5V
• Stable with ceramic capacitors
• Ultra-high PSRR (75dB at 10kHz)
• Ultra-high line rejection (load dump)
• High output accuracy: – ±3% initial accuracy
• Thermal-shutdown and current-limit protection
• Thermally efficient, 8-pin ePad SOIC package

Applications
• Automotive
• Industrial applications
• Remote keyless entry power supply
• Telecom applications
• Off-line power supplies




Similar Part No. - MAQ5283

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5280 MICREL-MAQ5280 Datasheet
339Kb / 14P
25mA, 120V, Low IQ, High PSRR LDO
MAQ5280YME MICREL-MAQ5280YME Datasheet
339Kb / 14P
25mA, 120V, Low IQ, High PSRR LDO
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
864Kb / 16P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281-3.3YMME MICREL-MAQ5281-3.3YMME Datasheet
687Kb / 18P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results


Similar Description - MAQ5283

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Micrel Semiconductor
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
Monolithic Power System...
MP20049 MPS-MP20049 Datasheet
285Kb / 11P
Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
logo
Micrel Semiconductor
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com