Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC2512 Datasheet (PDF) - YAGEO Corporation

AC2512 Datasheet PDF - YAGEO Corporation
Part # AC2512
Download  AC2512 Download
File Size   345.7 Kbytes
Page   11 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description THICK FILM CHIP RESISTORS Automotive grade

AC2512 Datasheet (PDF)

Go To PDF Page Download Datasheet
AC2512 Datasheet PDF - YAGEO Corporation

Part # AC2512
Download  AC2512 Click to download

File Size   345.7 Kbytes
Page   11 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description THICK FILM CHIP RESISTORS Automotive grade

AC2512 Datasheet (HTML) - YAGEO Corporation


AC2512 Product details

FEATURES
Comply with AEC-Q200 standard
Superior resistance against sulfur containing atmosphere
MSL class: MSL 1
AC series soldering is compliant with J-STD-020D
Halogen free epoxy
RoHS compliant
  - Products with lead-free terminations meet RoHS requirements
  - Pb-glass contained in electrodes,resistor element and glass are exempted by RoHS
Reduce environmentally hazardous waste
High component and equipment reliability
Save PCB space
The resistors are 100% performed by automatic optical inspection prior to taping.

APPLICATIONS
All general purpose applications
Car electronics, industrial application




Similar Part No. - AC2512

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC2512 YAGEO-AC2512 Datasheet
312Kb / 10P
THICK FILM CHIP RESISTORS Automotive grade
AC2512 YAGEO-AC2512 Datasheet
455Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Mar. 19,2021 V.8
AC2512 YAGEO-AC2512 Datasheet
397Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jan. 04, 2023 V.10
AC2512 YAGEO-AC2512 Datasheet
414Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Aug. 02, 2022 V.9
AC2512DK-03 YAGEO-AC2512DK-03 Datasheet
414Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Aug. 02, 2022 V.9
More results


Similar Description - AC2512

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
YAGEO Corporation
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
THICK FILM CHIP RESISTORS Precision grade
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
THICK FILM CHIP RESISTORS Automotive grade
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
Automotive Grade Thick Film Chip Resistors
logo
Vishay Siliconix
RCA VISHAY-RCA Datasheet
99Kb / 5P
Automotive Grade Thick Film, Rectangular Chip Resistors
14-Feb-08
logo
YAGEO Corporation
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
THICK FILM CHIP RESISTORS Automotive Precision grade
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
Automotive Grade Thick Film, Rectangular Chip Resistors
14-Feb-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com