Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250752B Datasheet (PDF) - Integrated Technology Future

250752B Datasheet PDF - Integrated Technology Future
Part # 250752B
Download  250752B Download
File Size   178.28 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 140 MHz SAW Filter

250752B Datasheet (PDF)

Go To PDF Page Download Datasheet
250752B Datasheet PDF - Integrated Technology Future

Part # 250752B
Download  250752B Click to download

File Size   178.28 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 140 MHz SAW Filter

250752B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 250752B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250753B ITF-250753B Datasheet
172Kb / 2P
Typical 1dB bandwidth of 6.9MHz
More results


Similar Description - 250752B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
140 MHz SAW Filter
logo
TriQuint Semiconductor
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
140 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com