Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251160B Datasheet (PDF) - Integrated Technology Future

251160B Datasheet PDF - Integrated Technology Future
Part # 251160B
Download  251160B Download
File Size   179.78 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 140.0 MHz SAW Filter

251160B Datasheet (PDF)

Go To PDF Page Download Datasheet
251160B Datasheet PDF - Integrated Technology Future

Part # 251160B
Download  251160B Click to download

File Size   179.78 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 140.0 MHz SAW Filter

251160B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 251160B

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25116 ALPHAWIRE-25116 Datasheet
93Kb / 4P
Customer Specification
1/5/2023
logo
Integrated Technology F...
251161B ITF-251161B Datasheet
160Kb / 2P
Typical 1dB bandwidth of 10.7 MHz
Rev 1.0 2013. 04. 01
251163B ITF-251163B Datasheet
156Kb / 2P
Typical 1dB bandwidth of 11.5 MHz
Rev 1.0 2013. 04. 01
251166B ITF-251166B Datasheet
154Kb / 2P
Typical 1dB bandwidth of 11.2MHz
Rev 1.0 2015. 03. 16
More results


Similar Description - 251160B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250009B ITF-250009B Datasheet
166Kb / 2P
140.0 MHz SAW Filter
Rev 1.0 2013. 03. 20
250111B ITF-250111B Datasheet
193Kb / 2P
140.0 MHz SAW Filter
Rev 1.0 2010. 04. 05
250154B ITF-250154B Datasheet
180Kb / 2P
140.0 MHz SAW Filter
Rev 1.0 2010. 07. 27
250308B ITF-250308B Datasheet
187Kb / 2P
140.0 MHz SAW Filter
Rev 1.0 2010. 04. 05
250421B ITF-250421B Datasheet
199Kb / 2P
140.0 MHz SAW Filter
Rev 1.0 2010. 04. 05
250510B ITF-250510B Datasheet
179Kb / 2P
140.0 MHz SAW Filter
Rev 1.0 2010. 07. 30
250607B ITF-250607B Datasheet
165Kb / 2P
140.0 MHz SAW Filter
Rev 1.0 2011. 01. 24
251302B ITF-251302B Datasheet
167Kb / 2P
140.0 MHz SAW Filter
252302B ITF-252302B Datasheet
165Kb / 2P
140.0 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2140A MURATA-SF2140A Datasheet
97Kb / 5P
140.0 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com