Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9822T1 Datasheet (PDF) - Motorola, Inc

MRF9822T1 Datasheet PDF - Motorola, Inc
Part # MRF9822T1
Download  MRF9822T1 Download
File Size   68.13 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH FREQUENCY POWER TRANSISTOR GaAs PHEMT

MRF9822T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF9822T1 Datasheet PDF - Motorola, Inc

Part # MRF9822T1
Download  MRF9822T1 Click to download

File Size   68.13 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH FREQUENCY POWER TRANSISTOR GaAs PHEMT

MRF9822T1 Datasheet (HTML) - Motorola, Inc


MRF9822T1 Product details

The RF Small Signal Line
Gallium Arsenide PHEMT
Pseudomorphic High Electron Mobility Transistor

Designed for use in low voltage, moderate power amplifiers such as portable analog and digital cellular radios and PC RF modems.

• Performance Specifications at 3.5 V, 850 MHz:
   Output Power = 31 dBm Min
   Power Gain = 11 dB Typ
   Efficiency = 70% Min
• Guaranteed Ruggedness at Load VSWR = 20:1
• New Plastic Surface Mount Package
• Available in Tape and Reel Packaging Options:
   T1 suffix = 1,000 Units per Reel
• Device Marking = 9822




Similar Part No. - MRF9822T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9820T1 MOTOROLA-MRF9820T1 Datasheet
75Kb / 4P
SURFACE MOUNT LOW NOISE ENHANCEMENT MODE GaAs CASCODE
More results


Similar Description - MRF9822T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9811T1 MOTOROLA-MRF9811T1 Datasheet
50Kb / 4P
HIGH FREQUENCY GaAs FET TRANSISTOR
logo
Filtronic Compound Semi...
FPD200P70 FILTRONIC-FPD200P70_1 Datasheet
421Kb / 9P
HIGH FREQUENCY PACKAGED PHEMT
logo
Hittite Microwave Corpo...
HMC998 HITTITE-HMC998_12 Datasheet
588Kb / 10P
GaAs pHEMT MMIC
logo
Analog Devices
HMC907APM5E AD-HMC907APM5E Datasheet
949Kb / 12P
GaAs pHEMT MMIC POWER AMPLIFIER
HMC994APM5E AD-HMC994APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC POWER AMPLIFIER
HMC464LP5E AD-HMC464LP5E Datasheet
1Mb / 9P
GaAs PHEMT MMIC POWER AMPLIFIER
HMC608LC4 AD-HMC608LC4 Datasheet
367Kb / 8P
GaAs pHEMT MEDIUM POWER AMPLIFIER
HMC498 AD-HMC498 Datasheet
352Kb / 6P
GaAs pHEMT MMIC POWER AMPLIFIER
HMC559 AD-HMC559 Datasheet
429Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER
HMC659LC5 AD-HMC659LC5 Datasheet
476Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com