Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

260955B Datasheet (PDF) - Integrated Technology Future

260955B Datasheet PDF - Integrated Technology Future
Part # 260955B
Download  260955B Download
File Size   171.27 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 375.0 MHz SAW Filter

260955B Datasheet (PDF)

Go To PDF Page Download Datasheet
260955B Datasheet PDF - Integrated Technology Future

Part # 260955B
Download  260955B Click to download

File Size   171.27 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 375.0 MHz SAW Filter

260955B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 260955B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
260951B ITF-260951B Datasheet
206Kb / 5P
SAW Bandpass Filter
2008-01-29
260954B ITF-260954B Datasheet
179Kb / 2P
305.0 MHz SAW Filter
Rev 1.0 2013. 03. 28
260956B ITF-260956B Datasheet
171Kb / 2P
470.0 MHz SAW Filter
Rev 1.0 2013. 03. 28
260957B ITF-260957B Datasheet
172Kb / 2P
292.0 MHz SAW Filter
Rev 1.0 2013. 03. 28
260958B ITF-260958B Datasheet
167Kb / 2P
197.0 MHz SAW Filter
Rev 1.0 2013. 03. 28
More results


Similar Description - 260955B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
SAW filter 2441.75 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com