Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFA2600 Datasheet (PDF) - Motorola, Inc

MRFA2600 Datasheet PDF - Motorola, Inc
Part # MRFA2600
Download  MRFA2600 Download
File Size   169.52 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER AMPLIFIER

MRFA2600 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFA2600 Datasheet PDF - Motorola, Inc

Part # MRFA2600
Download  MRFA2600 Click to download

File Size   169.52 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER AMPLIFIER

MRFA2600 Datasheet (HTML) - Motorola, Inc


MRFA2600 Product details

The RF Line
Broadband RF Array for TV Transmitter

The MRFA2600 is a solid state class A amplifier and is specifically designed for TV transposers and transmitters. This amplifier incorporates microstrip technology and reliable Motorola push–pull transistors.

• Specified 26.5 Volts: 470–860 MHz Characteristics
   Output Power: 25 Watts Min @ 1 dB Comp. (CW)
   Gain: 10.5 dB Min (Small Signal)
• Suitable for 28 Volts Application
• 50 Ω Input and Output Impedance




Similar Part No. - MRFA2600

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFA2602 MOTOROLA-MRFA2602 Datasheet
144Kb / 6P
RF POWER AMPLIFIER
MRFA2604 MOTOROLA-MRFA2604 Datasheet
286Kb / 8P
RF POWER AMPLIFIER
More results


Similar Description - MRFA2600

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFA2602 MOTOROLA-MRFA2602 Datasheet
144Kb / 6P
RF POWER AMPLIFIER
MRFA2604 MOTOROLA-MRFA2604 Datasheet
286Kb / 8P
RF POWER AMPLIFIER
logo
Panasonic Semiconductor
UN0231C PANASONIC-UN0231C Datasheet
23Kb / 1P
RF Power Amplifier Module
logo
Toshiba Semiconductor
S-AU6L TOSHIBA-S-AU6L Datasheet
294Kb / 4P
RF POWER AMPLIFIER MODULE
logo
Communications & Power ...
4CX10-000D CPI-4CX10-000D Datasheet
99Kb / 1P
RF power amplifier
4CX20-000B CPI-4CX20-000B Datasheet
91Kb / 1P
RF power amplifier
4CX20-000C CPI-4CX20-000C Datasheet
91Kb / 1P
RF power amplifier
4CX20-000D CPI-4CX20-000D Datasheet
95Kb / 1P
RF power amplifier
4CX20-000E CPI-4CX20-000E Datasheet
91Kb / 1P
RF power amplifier
logo
Texas Instruments
TRF4002 TI1-TRF4002 Datasheet
136Kb / 8P
PCS RF POWER AMPLIFIER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com