Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJUSB208-AU Datasheet (PDF) - Pan Jit International Inc.

PJUSB208-AU Datasheet PDF - Pan Jit International Inc.
Part # PJUSB208-AU
Download  PJUSB208-AU Download
File Size   309.59 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description LOW CAPACITANCE DIODE ARRAY

PJUSB208-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
PJUSB208-AU Datasheet PDF - Pan Jit International Inc.

Part # PJUSB208-AU
Download  PJUSB208-AU Click to download

File Size   309.59 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description LOW CAPACITANCE DIODE ARRAY

PJUSB208-AU Datasheet (HTML) - Pan Jit International Inc.


PJUSB208-AU Product details

LOW CAPACITANCE DIODE ARRAY

PJUSB208 series is surge rated diode array desiged to protect high speed data interfaces.The PJUSB208 series has been specifically designed to protect sensitive components which are connect to data and transmission lines from over-voltages caused by ESD (electrostatic dischatge),EFT(electrical fast transients), and lightning.

FEATURES
• Maximum Capacitance of 3pF at 0Vdc 1MHz Line-to-Ground
• Low leakage current, maximum of 0.1μA at rated voltage
• IEC61000-4-2 ESD 15kV Air, 8kV Contact compliance
• Protect four I/O lines
• Flammability rating UL94V-0
• Acquire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)

APPLICATIONS
• USB 2.0 and Firewire Port Protection
• LAN / WLAN Access Point terminals
• Video Signal Line Protection




Similar Part No. - PJUSB208-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJUSB208 PANJIT-PJUSB208 Datasheet
66Kb / 3P
Low Capacitance Diode Array
PJUSB208 PANJIT-PJUSB208 Datasheet
451Kb / 4P
Low Capacitance Diode Array
PJUSB208DW PANJIT-PJUSB208DW Datasheet
249Kb / 6P
LOW CAPACITANCE DIODE ARRAY
PJUSB208DW_R1_00001 PANJIT-PJUSB208DW_R1_00001 Datasheet
249Kb / 6P
LOW CAPACITANCE DIODE ARRAY
PJUSB208DW_R2_00001 PANJIT-PJUSB208DW_R2_00001 Datasheet
249Kb / 6P
LOW CAPACITANCE DIODE ARRAY
More results


Similar Description - PJUSB208-AU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
164Kb / 10P
LOW CAPACITANCE DIODE ARRAY
02-Apr-1000
logo
Pan Jit International I...
PJSR70 PANJIT-PJSR70 Datasheet
72Kb / 3P
Low Capacitance Diode Array
PJUSB208 PANJIT-PJUSB208 Datasheet
66Kb / 3P
Low Capacitance Diode Array
PJUSB208 PANJIT-PJUSB208_06 Datasheet
83Kb / 3P
Low Capacitance Diode Array
PJUSB208_0610 PANJIT-PJUSB208_0610 Datasheet
451Kb / 4P
Low Capacitance Diode Array
logo
STMicroelectronics
DALC208 STMICROELECTRONICS-DALC208 Datasheet
185Kb / 14P
Low capacitance diode array
20-Mar-2008
logo
Pan Jit International I...
PJUSB208DW PANJIT-PJUSB208DW Datasheet
249Kb / 6P
LOW CAPACITANCE DIODE ARRAY
logo
ON Semiconductor
NUP4304MR6 ONSEMI-NUP4304MR6_12 Datasheet
141Kb / 6P
Low Capacitance Diode Array
January, 2012 ??Rev. 4
NUP4301MR6 ONSEMI-NUP4301MR6 Datasheet
57Kb / 4P
Low Capacitance Diode Array
September, 2014 ??Rev. 7
logo
Pan Jit International I...
PE9180C1A-AU PANJIT-PE9180C1A-AU Datasheet
226Kb / 5P
Low Capacitance Diode Array
October 6,2022 PE9180C1A-AU-REV.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com