Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9226-LQFP-EB Datasheet (PDF) - Analog Devices

AD9226-LQFP-EB Datasheet PDF - Analog Devices
Part # AD9226-LQFP-EB
Download  AD9226-LQFP-EB Download
File Size   985.67 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit, 65 MSPS ADC Converter

AD9226-LQFP-EB Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9226-LQFP-EB Datasheet PDF - Analog Devices

Part # AD9226-LQFP-EB
Download  AD9226-LQFP-EB Click to download

File Size   985.67 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit, 65 MSPS ADC Converter

AD9226-LQFP-EB Datasheet (HTML) - Analog Devices


AD9226-LQFP-EB Product details

PRODUCT DESCRIPTION
The AD9226 is a monolithic, single-supply, 12-bit, 65 MSPS analog-to-digital converter with an on-chip, high-performance sample-and-hold amplifier and voltage reference. The AD9226 uses a multistage differential pipelined architecture with a patented input stage and output error correction logic to provide 12-bit accuracy at 65 MSPS data rates. There are no missing codes over the full operating temperature range (guaranteed).
   
FEATURES
    Signal-to-Noise Ratio: 69 dB @ fIN = 31 MHz
    Spurious-Free Dynamic Range: 85 dB @ fIN = 31 MHz
    Intermodulation Distortion of –75 dBFS @ fIN = 140 MHz
    ENOB = 11.1 @ fIN = 10 MHz
    Low-Power Dissipation: 475 mW
    No Missing Codes Guaranteed
    Differential Nonlinearity Error: ±0.6 LSB
    Integral Nonlinearity Error: ±0.6 LSB
    Clock Duty Cycle Stabilizer
    Patented On-Chip Sample-and-Hold with
        Full Power Bandwidth of 750 MHz
    Straight Binary or Two’s Complement Output Data
    28-Lead SSOP, 48-Lead LQFP
    Single 5 V Analog Supply, 3 V/5 V Driver Supply
    Pin-Compatible to AD9220, AD9221, AD9223,
        AD9224, AD9225
   




Similar Part No. - AD9226-LQFP-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9226-LQFP-EB AD-AD9226-LQFP-EB Datasheet
1Mb / 28P
Complete 12-Bit, 65 MSPS ADC Converter
REV.0
AD9226-LQFP-EB AD-AD9226-LQFP-EB Datasheet
985Kb / 28P
Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226-LQFP-EB AD-AD9226-LQFP-EB Datasheet
1,018Kb / 29P
ADC Converter
REV. B
More results


Similar Description - AD9226-LQFP-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9226 AD-AD9226 Datasheet
1Mb / 28P
Complete 12-Bit, 65 MSPS ADC Converter
REV.0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
Analog Devices
AD15252 AD-AD15252 Datasheet
628Kb / 20P
12-Bit, 65 MSPS, Dual ADC
REV. 0
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9226 AD-AD9226_01 Datasheet
985Kb / 28P
Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
12-Bit, 65 MSPS, Dual ADC
REV. 0
AD9226 AD-AD9226_15 Datasheet
985Kb / 28P
Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com