Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9649BCPZ-20 Datasheet (PDF) - Analog Devices

AD9649BCPZ-20 Datasheet PDF - Analog Devices
Part # AD9649BCPZ-20
Download  AD9649BCPZ-20 Download
File Size   1285.64 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter

AD9649BCPZ-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9649BCPZ-20 Datasheet PDF - Analog Devices

Part # AD9649BCPZ-20
Download  AD9649BCPZ-20 Click to download

File Size   1285.64 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter

AD9649BCPZ-20 Datasheet (HTML) - Analog Devices


AD9649BCPZ-20 Product details

GENERAL DESCRIPTION
The AD9649 is a monolithic, single channel 1.8 V supply, 14-bit, 20/40/65/80 MSPS analog-to-digital converter (ADC). It features a high performance sample-and-hold circuit and an on-chip voltage reference.
The product uses multistage differential pipeline architecture with output error correction logic to provide 14-bit accuracy at 80 MSPS data rates and to guarantee no missing codes over the full operating temperature range.

FEATURES
   1.8 V analog supply operation
   1.8 V to 3.3 V output supply
   SNR
      74.3 dBFS at 9.7 MHz input
      71.5 dBFS at 200 MHz input
   SFDR
      93 dBc at 9.7 MHz input
      80 dBc at 200 MHz input
   Low power
      45 mW at 20 MSPS
      87 mW at 80 MSPS
   Differential input with 700 MHz bandwidth
   On-chip voltage reference and sample-and-hold circuit
   2 V p-p differential analog input
   DNL = ±0.35 LSB
   Serial port control options
      Offset binary, gray code, or twos complement data format
      Integer 1, 2, or 4 input clock divider
      Built-in selectable digital test pattern generation
      Energy-saving power-down modes
      Data clock out (DCO) with programmable clock and data
         alignment

APPLICATIONS
   Communications
   Diversity radio systems
   Multimode digital receivers
      GSM, EDGE, W-CDMA, LTE, CDMA2000, WiMAX, TD-SCDMA
   Smart antenna systems
   Battery-powered instruments
   Handheld scope meters
   Portable medical imaging
   Ultrasound
   Radar/LIDAR




Similar Part No. - AD9649BCPZ-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 33P
14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
More results


Similar Description - AD9649BCPZ-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9251 AD-AD9251 Datasheet
1Mb / 36P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649 Datasheet
1Mb / 32P
14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com