Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F5-25 Datasheet (PDF) - Power-One

F5-25 Datasheet PDF - Power-One
Part # F5-25
Download  F5-25 Download
File Size   478.79 Kbytes
Page   9 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description Linear Power Supplies Data Sheet

F5-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
F5-25 Datasheet PDF - Power-One

Part # F5-25
Download  F5-25 Click to download

File Size   478.79 Kbytes
Page   9 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description Linear Power Supplies Data Sheet

F5-25 Datasheet (HTML) - Power-One


F5-25 Product details

Description
Power-One produces the industry’s broadest selection of Linear power supplies with output voltages from 5 volts through 250 volts. Rugged technology and proven design merge to create quiet, highly-regulated, dependable DC power.
The Linear power supplies are approved to domestic and international regulatory standards, and are CE Marked to the Low Voltage Directive (LVD).

Features
• RoHS compatible for all six substances
• Worldwide AC Input Capabilities: 100/120/220/230/240 VAC
• ±0.05% Output Regulation
• Low Output Ripple
• UL, CSA, and TÜV Approvals
• Mean Time Before Failure (MTBF) in Excess of 300,000 Hours
• CE marked to Low Voltage Directive
• 100% Burn-In
• 2 Year Warranty
• Overvoltage Protection (OVP) Standard on 5V Single Outputs, Optional for other outputs under 48V




Similar Part No. - F5-25

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
F5-25-OV-A+ SLPOWER-F5-25-OV-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
F5-25-OV-A+*G SLPOWER-F5-25-OV-A+*G Datasheet
374Kb / 7P
DC Power Supplies
More results


Similar Description - F5-25

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ADA10000 ANADIGICS-ADA10000 Datasheet
259Kb / 12P
Linear Amplifier MMIC Data Sheet - Rev 2.3
Rev. 2.3
logo
Power-One
OVP-12 POWER-ONE-OVP-12 Datasheet
830Kb / 9P
Linear Power Supplies
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
Power-One
HC15-3-A POWER-ONE-HC15-3-A Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
logo
Pasternack Enterprises,...
PE20DV1034 PASTERNACK-PE20DV1034 Datasheet
461Kb / 6P
Power Dividers Technical Data Sheet
PE20DV1035 PASTERNACK-PE20DV1035 Datasheet
462Kb / 6P
Power Dividers Technical Data Sheet
PE20S0020 PASTERNACK-PE20S0020 Datasheet
441Kb / 5P
Power Dividers Technical Data Sheet
PE20S0022 PASTERNACK-PE20S0022 Datasheet
433Kb / 5P
Power Dividers Technical Data Sheet
PE20S0023 PASTERNACK-PE20S0023 Datasheet
614Kb / 5P
Power Dividers Technical Data Sheet
PE20S0024 PASTERNACK-PE20S0024 Datasheet
491Kb / 5P
Power Dividers Technical Data Sheet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com