Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC1813 Datasheet (PDF) - Motorola, Inc

MRFIC1813 Datasheet PDF - Motorola, Inc
Part # MRFIC1813
Download  MRFIC1813 Download
File Size   157.19 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.9 GHz UPMIXER AND EXCITER AMPLIFIER

MRFIC1813 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC1813 Datasheet PDF - Motorola, Inc

Part # MRFIC1813
Download  MRFIC1813 Click to download

File Size   157.19 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.9 GHz UPMIXER AND EXCITER AMPLIFIER

MRFIC1813 Datasheet (HTML) - Motorola, Inc


MRFIC1813 Product details

Designed primarily for use in wireless Personal Communication Systems (PCS) applications such as Digital European Cordless Telephone (DECT), Japan’s Personal Handy System (PHS) and the emerging North American systems. The MRFIC1813 is also applicable to 2.4 GHz ISM equipment. The device combines a balanced upmixer and a transmit exciter amplifier in a low-cost TSSOP–16 package. Minimal off-chip matching is required while allowing for maximum flexibility and efficiency. The mixer is optimized for low–side injection and provides more than 12 dB of conversion gain with over 0 dBm output at 1 dB gain compression. Image filtering is implemented off-chip to allow maximum flexibility. A CMOS compatible ENABLE pin allows standby operation where the current drain is less than 250 μA.
Together with other devices from the MRFIC180X or the MRFIC240X series, this GaAs IC family offers the complete transmit and receive functions, less LO and filters, needed for a typical 1.8 GHz cordless telephone or 2.4 GHz ISM band equipment.

• Usable Frequency Range = 1.7 to 2.5 GHz
• 15 dB Typ IF to RF Conversion Gain
• 3 dBm Power Output Typ, 0 dBm Minimum at 1 dB Gain Compression
• Simple Off-chip Matching for Maximum Flexibility
• Low Power Consumption = 75 mW (Typ)
• Single Bias Supply = 2.7 to 4.5 Volts
• Low LO Power Requirement = – 5 dBm (Typ)
• Low Cost Surface Mount Plastic Package
• Order MRFIC1813R2 for Tape and Reel. R2 Suffix = 2,500 Units per 16 mm, 13 inch Reel.
• Device Marking = M1813




Similar Part No. - MRFIC1813

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1814 MOTOROLA-MRFIC1814 Datasheet
79Kb / 4P
1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Similar Description - MRFIC1813

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1046-1 MITSUBISHI-MA1046-1 Datasheet
26Kb / 1P
For 1.9 GHz - Power Amplifier
logo
Motorola, Inc
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1808 MOTOROLA-MRFIC1808 Datasheet
158Kb / 8P
1.9 GHz GaAs LOW NOISE AMPLIFIER
MRFIC2404 MOTOROLA-MRFIC2404 Datasheet
79Kb / 6P
2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
National Semiconductor ...
LMX2119 NSC-LMX2119 Datasheet
122Kb / 6P
1.9 GHz Power Amplifier
logo
Eudyna Devices Inc
P0511946H EUDYNA-P0511946H Datasheet
413Kb / 5P
1.9 GHz band Power Amplifier Module
P0531961H EUDYNA-P0531961H Datasheet
118Kb / 6P
1.9 GHz band Power Amplifier Module
logo
Motorola, Inc
MC13751 MOTOROLA-MC13751 Datasheet
113Kb / 5P
DUAL-BAND UPMIXER AND DRIVER AMPLIFIER
logo
NEC
UPC8119T NEC-UPC8119T_02 Datasheet
40Kb / 3P
1.9 GHz AGC AMPLIFIER
logo
Toshiba Semiconductor
TA4401CT TOSHIBA-TA4401CT Datasheet
230Kb / 11P
1.9 ~ 2.5 GHz Band Power Amplifier
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com