Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7851 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-7851 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-7851
Download  HCPL-7851 Download
File Size   120.94 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Hermetically Sealed Analog Isolation Amplifi er

HCPL-7851 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-7851 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7851
Download  HCPL-7851 Click to download

File Size   120.94 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Hermetically Sealed Analog Isolation Amplifi er

HCPL-7851 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-7851 Product details

Description
The HCPL-7850, HCPL-7851 and ACPL-785E are isolation amplifiers that provide accurate, electrically isolated and amplified representations of voltage and current. When used with a shunt resistor to monitor the motor phase current in a high speed motor drive, the device will offer superior reliability compared with the traditional solutions such as current transformers and Hall-effect sensors.

Features
• Performance guaranteed over full military temperature range: -55° C to +125° C
• Manufactured and tested on a MIL-PRF-38534 certified line
• Hermetically sealed packages
• Dual marked with device part number and DLA drawing number
• QML-38534, Class H and Class E
• HCPL-7840 function compatibility
• High common mode rejection (CMR): 8 kV/s at VCM = 1000 V
• 5% gain tolerance
• 0.1% nonlinearity
• Low offset voltage and offset temperature coefficient
• 100 kHz bandwidth

Applications
• Industrial, military and space systems
• High reliability systems
• Harsh industrial environments
• Transportation, medical, and life critical systems
• General purpose analog signal isolation




Similar Part No. - HCPL-7851

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7851 HP-HCPL-7851 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
Broadcom Corporation.
HCPL-7851 BOARDCOM-HCPL-7851 Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7851-100 HP-HCPL-7851-100 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
HCPL-7851-200 HP-HCPL-7851-200 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
HCPL-7851-300 HP-HCPL-7851-300 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
More results


Similar Description - HCPL-7851

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
Sanyo Semicon Device
MCH3914 SANYO-MCH3914 Datasheet
217Kb / 4P
High-Frequency Amplifi er, Analog Switch Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
Isolation Amplifi er
logo
API Technologies Corp
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
Microwave Amplifi er
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
Microwave Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
RF Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com