Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPB33XP Datasheet (PDF) - NXP Semiconductors

PMPB33XP Datasheet PDF - NXP Semiconductors
Part # PMPB33XP
Download  PMPB33XP Download
File Size   251.52 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 20 V, single P-channel Trench MOSFET

PMPB33XP Datasheet (PDF)

Go To PDF Page Download Datasheet
PMPB33XP Datasheet PDF - NXP Semiconductors

Part # PMPB33XP
Download  PMPB33XP Click to download

File Size   251.52 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 20 V, single P-channel Trench MOSFET

PMPB33XP Datasheet (HTML) - NXP Semiconductors


PMPB33XP Product details

General description
P-channel enhancement mode Field-Effect Transistor (FET) in a leadless medium power DFN2020MD-6 (SOT1220) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

Features and benefits
• Trench MOSFET technology
• Small and leadless ultra thin SMD plastic package: 2 x 2 x 0.65 mm
• Exposed drain pad for excellent thermal conduction
• Tin-plated 100 % solderable side pads for optical solder inspection

Applications
• Charging switch for portable devices
• DC-to-DC converters
• Power management in battery-driven portable devices
• Hard disk and computing power management




Similar Part No. - PMPB33XP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMPB33XP PHILIPS-PMPB33XP Datasheet
251Kb / 14P
20 V, single P-channel Trench MOSFET
5 September 2012
logo
Nexperia B.V. All right...
PMPB33XP NEXPERIA-PMPB33XP Datasheet
746Kb / 14P
20 V, single P-channel Trench MOSFET
5 September 2012
logo
NXP Semiconductors
PMPB33XP PHILIPS-PMPB33XP_15 Datasheet
251Kb / 14P
20 V, single P-channel Trench MOSFET
5 September 2012
More results


Similar Description - PMPB33XP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMN70XPEA PHILIPS-PMN70XPEA_15 Datasheet
284Kb / 16P
20 V, single P-channel Trench MOSFET
19 June 2014
PMPB43XPE PHILIPS-PMPB43XPE_15 Datasheet
264Kb / 15P
20 V, single P-channel Trench MOSFET
26 November 2014
logo
Nexperia B.V. All right...
PMN42XPE NEXPERIA-PMN42XPE Datasheet
710Kb / 14P
20 V, single P-channel Trench MOSFET
PMPB29XPE NEXPERIA-PMPB29XPE Datasheet
740Kb / 14P
20 V, single P-channel Trench MOSFET
PMV50UPE NEXPERIA-PMV50UPE Datasheet
728Kb / 14P
20 V, single P-channel Trench MOSFET
PMN27XPE NEXPERIA-PMN27XPE Datasheet
323Kb / 14P
20 V, single P-channel Trench MOSFET
PMN27XPEA NEXPERIA-PMN27XPEA Datasheet
718Kb / 16P
20 V, single P-channel Trench MOSFET
PMN50UPE NEXPERIA-PMN50UPE Datasheet
349Kb / 14P
20 V, single P-channel Trench MOSFET
PMZB350UPE NEXPERIA-PMZB350UPE Datasheet
701Kb / 14P
20 V, single P-channel Trench MOSFET
1 August 2012
PMZB670UPE NEXPERIA-PMZB670UPE Datasheet
1Mb / 15P
20 V, single P-channel Trench MOSFET
Rev. 3 - 23 March 2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com