Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF2A Datasheet (PDF) - Yea Shin Technology Co., Ltd

UF2A Datasheet PDF - Yea Shin Technology Co., Ltd
Part # UF2A
Download  UF2A Download
File Size   39.8 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts

UF2A Datasheet (PDF)

Go To PDF Page Download Datasheet
UF2A Datasheet PDF - Yea Shin Technology Co., Ltd

Part # UF2A
Download  UF2A Click to download

File Size   39.8 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts

UF2A Datasheet (HTML) - Yea Shin Technology Co., Ltd


UF2A Product details

REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 2.0 Ampere



FEATURES

• Glass passivated chip

• Ultra fast switching for high efficiency

• For surface mounted applications

• Low forward voltage drop and high current capability

• Low reverse leakage current

• Plastic material has UL flammability classification 94V-0

• High temperature soldering : 260OC / 10 seconds at terminals

• Pb free product at available : 99% Sn above meet RoHS environment substance directive request



 




Similar Part No. - UF2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF2A PANJIT-UF2A Datasheet
74Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
UF2A SURGE-UF2A Datasheet
81Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes
logo
Transys Electronics
UF2A TRSYS-UF2A Datasheet
177Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
UF2A WTE-UF2A Datasheet
51Kb / 3P
2.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Dc Components
UF2A DCCOM-UF2A Datasheet
553Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Similar Description - UF2A

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US1A PACELEADER-US1A Datasheet
129Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AB PACELEADER-US3AB Datasheet
156Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Yea Shin Technology Co....
UF1AS YEASHIN-UF1AS Datasheet
48Kb / 3P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US1A YEASHIN-US1A Datasheet
38Kb / 2P
SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US2A YEASHIN-US2A Datasheet
192Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
Bruckewell Technology L...
DB151S BWTECH-DB151S Datasheet
320Kb / 4P
REVERSE VOLTAGE - 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
S8AC LUGUANG-S8AC Datasheet
498Kb / 2P
Reverse Voltage :50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com