Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2010G Datasheet (PDF) - Yea Shin Technology Co., Ltd

U2010G Datasheet PDF - Yea Shin Technology Co., Ltd
Part # U2010G
Download  U2010G Download
File Size   38.1 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes

U2010G Datasheet (PDF)

Go To PDF Page Download Datasheet
U2010G Datasheet PDF - Yea Shin Technology Co., Ltd

Part # U2010G
Download  U2010G Click to download

File Size   38.1 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes

U2010G Datasheet (HTML) - Yea Shin Technology Co., Ltd


U2010G Product details

FEATURES
• Plastic package has Underwriters Laboratory
    Flammability Classification 94V-O utilizing
    Flame Retardant Epoxy Molding Compound
• Void-free Plastic in DO-15 package
• 2.0 ampere operation at TA=55 OC•with no thermal runaway
• Exceeds environmental standards of MIL-S-19500/228
• Ultra fast switching for high efficiency
• High temperature soldering : 260 °C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - U2010G

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U20100DG THINKISEMI-U20100DG Datasheet
349Kb / 2P
20.0 Ampere Heatsink Doubler Polarity Ultra Fast Recovery Rectifiers
U20100G THINKISEMI-U20100G Datasheet
349Kb / 2P
20.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifiers
U20100GR THINKISEMI-U20100GR Datasheet
349Kb / 2P
20.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
U20100RG THINKISEMI-U20100RG Datasheet
349Kb / 2P
20.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
U20100SG THINKISEMI-U20100SG Datasheet
349Kb / 2P
20.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
More results


Similar Description - U2010G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS200R PANJIT-PS200R Datasheet
54Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
UF150 PANJIT-UF150 Datasheet
54Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
UF200 PANJIT-UF200 Datasheet
66Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
UF300 PANJIT-UF300 Datasheet
68Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Yea Shin Technology Co....
UF200 YEASHIN-UF200 Datasheet
36Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
UF300 YEASHIN-UF300 Datasheet
38Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
UF300G YEASHIN-UF300G Datasheet
44Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com