Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1000CT Datasheet (PDF) - Yea Shin Technology Co., Ltd

UF1000CT Datasheet PDF - Yea Shin Technology Co., Ltd
Part # UF1000CT
Download  UF1000CT Download
File Size   40.21 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere

UF1000CT Datasheet (PDF)

Go To PDF Page Download Datasheet
UF1000CT Datasheet PDF - Yea Shin Technology Co., Ltd

Part # UF1000CT
Download  UF1000CT Click to download

File Size   40.21 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere

UF1000CT Datasheet (HTML) - Yea Shin Technology Co., Ltd


UF1000CT Product details

FEATURES
• Plastic package has Underwriters Laboratory
    Flammability Classification 94V-O utilizing
    Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• Ultra fast recovery times, high voltage.
• High temperature soldering : 260°C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - UF1000CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1000CT WTE-UF1000CT Datasheet
48Kb / 3P
10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000CT WTE-UF1000CT Datasheet
57Kb / 4P
10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1000CT PANJIT-UF1000CT Datasheet
44Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
UF1000CT PANJIT-UF1000CT Datasheet
88Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
UF1000CT PACELEADER-UF1000CT Datasheet
254Kb / 2P
SUPERFAST mount reverse voltage
More results


Similar Description - UF1000CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1000F PANJIT-UF1000F Datasheet
59Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF100GS PANJIT-UF100GS Datasheet
55Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
DAESAN ELECTRONIC CORP.
RS1A DAESAN-RS1A Datasheet
289Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 800 Volts
logo
Yea Shin Technology Co....
UF800 YEASHIN-UF800 Datasheet
70Kb / 2P
ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
UF800F YEASHIN-UF800F Datasheet
39Kb / 2P
ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
UF1000 YEASHIN-UF1000 Datasheet
75Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
UF1000FCT YEASHIN-UF1000FCT Datasheet
40Kb / 2P
ISOLATION UL TRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
logo
Guangdong Juxing Electr...
ER300 JUXING-ER300 Datasheet
483Kb / 2P
VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
logo
Continental Device Indi...
ER300 CDIL-ER300 Datasheet
483Kb / 2P
VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com