Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5202 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPM-5202 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPM-5202
Download  ACPM-5202 Download
File Size   323.53 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module

ACPM-5202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPM-5202 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5202
Download  ACPM-5202 Click to download

File Size   323.53 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module

ACPM-5202 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPM-5202 Product details

Description

The ACPM-5202 is a fully matched 10-pin surface mount module developed for UMTS Band2. This power amplifier module operates in the 1850-1910MHz bandwidth. The ACPM-5202 meets stringent UMTS linearity requirements up to 28dBm output power (Rel99). The 3mmx3mm form factor package is self contained, incorporating 50ohm input and output matching networks. The PA also contains internal DC blocking capacitors for RF input and output

ports.



Features

Thin Package (1.0mm typ)

Excellent Linearity

 3-mode power control with Vbp and Vmode

–  Bypass / Mid Power Mode / High Power Mode

High Efficiency at max output power

10-pin surface mounting package

Internal 50ohm matching networks for both RF input and output

Integrated coupler

–  Coupler and Isolation ports for daisy chain 

Green (Lead-free and RoHS compliant)



Applications

UMTS Band2




Similar Part No. - ACPM-5202

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-5202 BOARDCOM-ACPM-5202 Datasheet
312Kb / 13P
UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
ACPM-5202-BLK BOARDCOM-ACPM-5202-BLK Datasheet
312Kb / 13P
UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
ACPM-5202-TR1 BOARDCOM-ACPM-5202-TR1 Datasheet
312Kb / 13P
UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
More results


Similar Description - ACPM-5202

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5002-TR1 AVAGO-ACPM-5002-TR1 Datasheet
312Kb / 13P
Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
ACPM-5008-TR1 AVAGO-ACPM-5008-TR1 Datasheet
312Kb / 13P
UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
ACPM-5204 AVAGO-ACPM-5204 Datasheet
320Kb / 13P
UMTS Band4 (1710-1755MHz) 3x3mm Power Amplifi er Module
ACPM-5208 AVAGO-ACPM-5208 Datasheet
321Kb / 13P
UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
logo
Broadcom Corporation.
ACPM-5002 BOARDCOM-ACPM-5002 Datasheet
312Kb / 13P
Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
ACPM-5008 BOARDCOM-ACPM-5008 Datasheet
312Kb / 13P
UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
ACPM-5201 BOARDCOM-ACPM-5201 Datasheet
329Kb / 13P
UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
ACPM-5202 BOARDCOM-ACPM-5202 Datasheet
312Kb / 13P
UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
ACPM-7332 BOARDCOM-ACPM-7332 Datasheet
1Mb / 16P
UMTS Band2 (1850-1910MHz) 4x4mm Power Amplifier Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com