Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7822 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPM-7822 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPM-7822
Download  ACPM-7822 Download
File Size   1125.86 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description JCDMA 4x4 Power Amplifier Module (898-925MHz)

ACPM-7822 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPM-7822 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7822
Download  ACPM-7822 Click to download

File Size   1125.86 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description JCDMA 4x4 Power Amplifier Module (898-925MHz)

ACPM-7822 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPM-7822 Product details

Description
The ACPM-7822 is a fully matched 10-pin surface mount module developed for JCDMA. This power amplifier module operates in the 898-925MHz bandwidth. The ACPM-7822 meets stringent CDMA linearity requirements up to 28dBm output power. The 4mmx4mm form factor package is self contained, incorporating 50ohm input and output matching networks

Features
• Thin Package (0.9mm typ)
• Excellent Linearity
• 3-mode power control with Vbp and Vmode Bypass / Mid Power Mode / High Power Mode
• High Efficiency at max output power
• 10-pin surface mounting package
• Internal 50ohm matching networks for both RF input and output
• Lead-free, RoHS compliant, Green

Applications
• Digital Japan CDMA Band (3GPP2 Band Class 3)




Similar Part No. - ACPM-7822

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7821 AVAGO-ACPM-7821 Datasheet
452Kb / 16P
4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
ACPM-7821-BLK AVAGO-ACPM-7821-BLK Datasheet
452Kb / 16P
4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
ACPM-7821-TR1 AVAGO-ACPM-7821-TR1 Datasheet
452Kb / 16P
4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
More results


Similar Description - ACPM-7822

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1108K SONY-CXG1108K Datasheet
69Kb / 6P
Power Amplifier Module for JCDMA
CXG1117K SONY-CXG1117K Datasheet
69Kb / 6P
Power Amplifier Module for JCDMA
CXG1156K SONY-CXG1156K Datasheet
84Kb / 6P
POWER AMPLIFIER MODULE FOR JCDMA
CXG1178K SONY-CXG1178K Datasheet
75Kb / 6P
POWER AMPLIFIER MODULE FOR JCDMA
CXG1158K SONY-CXG1158K Datasheet
28Kb / 1P
Power Amplifier Module for JCDMA
logo
Broadcom Corporation.
ACPM-7311-OR1 BOARDCOM-ACPM-7311-OR1 Datasheet
672Kb / 16P
UMTS800 4x4 Power Amplifier Module
ACPM-7331-OR1 BOARDCOM-ACPM-7331-OR1 Datasheet
803Kb / 16P
UMTS1900 4x4 Power Amplifier Module
ACPM-7331-TR1 BOARDCOM-ACPM-7331-TR1 Datasheet
1Mb / 18P
UMTS1900 4x4 Power Amplifier
ACPM-7381-OR1 BOARDCOM-ACPM-7381-OR1 Datasheet
803Kb / 15P
UMTS2100 4x4 Power Amplifier Module
ACPM-7382 BOARDCOM-ACPM-7382 Datasheet
660Kb / 16P
UMTS Band1 (1920-1980MHz) 4x4 Power Amplifier Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com