Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY1634 Datasheet (PDF) - ATMEL Corporation

ATTINY1634 Datasheet PDF - ATMEL Corporation
Part # ATTINY1634
Download  ATTINY1634 Download
File Size   744.98 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Atmel tinyAVR Microcontroller with 16K Byres In-System Programmable Flash

ATTINY1634 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY1634 Datasheet PDF - ATMEL Corporation

Part # ATTINY1634
Download  ATTINY1634 Click to download

File Size   744.98 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Atmel tinyAVR Microcontroller with 16K Byres In-System Programmable Flash

ATTINY1634 Datasheet (HTML) - ATMEL Corporation


ATTINY1634 Product details

Overview
ATtiny1634 is a low-power CMOS 8-bit microcontrollers based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny1634 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
   – 125 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
• High Endurance, Non-volatile Memory Segments
   – 16K Bytes of In-System, Self-Programmable Flash Program Memory
      • Endurance: 10,000 Write/Erase Cycles
   – 256 Bytes of In-System Programmable EEPROM
      • Endurance: 100,000 Write/Erase Cycles
   – 1K Byte of Internal SRAM
   – Data retention: 20 years at 85C / 100 years at 25C
   – Programming Lock for Self-Programming Flash & EEPROM Data Security
• Peripheral Features
   – Dedicated Hardware and QTouch® Library Support for Capacitive Touch Sensing
   – One 8-bit and One 16-bit Timer/Counter with Two PWM Channels, Each
   – 12-channel, 10-bit ADC
   – Programmable Ultra Low Power Watchdog Timer
   – On-chip Analog Comparator
   – Two Full Duplex USARTs with Start Frame Detection
   – Universal Serial Interface
   – Slave I2C Serial Interface
• Special Microcontroller Features
   – debugWIRE On-chip Debug System
   – In-System Programmable via SPI Port
   – Internal and External Interrupt Sources
      • Pin Change Interrupt on 18 Pins
   – Low Power Idle, ADC Noise Reduction, Standby and Power-down Modes
   – Enhanced Power-on Reset Circuit
   – Programmable Brown-out Detection Circuit with Supply Voltage Sampling
   – Calibrated 8MHz Oscillator with Temperature Calibration Option
   – Calibrated 32kHz Ultra Low Power Oscillator
   – On-chip Temperature Sensor
• I/O and Packages
   – 18 Programmable I/O Lines
   – 20-pad QFN/MLF, and 20-pin SOIC
• Operating Voltage:
   – 1.8 – 5.5V
• Speed Grade:
   – 0 – 2MHz @ 1.8 – 5.5V
   – 0 – 8MHz @ 2.7 – 5.5V
   – 0 – 12MHz @ 4.5 – 5.5V
• Temperature Range: -40C to +85C
• Low Power Consumption
   – Active Mode: 0.2mA at 1.8V and 1MHz
   – Idle Mode: 30µA at 1.8V and 1MHz
   – Power-Down Mode (WDT Enabled): 1µA at 1.8V
   – Power-Down Mode (WDT Disabled): 100nA at 1.8V




Similar Part No. - ATTINY1634

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny1634 ATMEL-ATtiny1634 Datasheet
5Mb / 20P
Atmel짰 AVR짰 32-bit microcontrollers
ATTINY1634 ATMEL-ATTINY1634 Datasheet
12Mb / 259P
8-bit AVR Microcontroller with 16KB In-system
ATTINY1634 ATMEL-ATTINY1634_14 Datasheet
12Mb / 259P
8-bit AVR Microcontroller with 16KB In-system
More results


Similar Description - ATTINY1634

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48PV ATMEL-ATMEGA48PV_11 Datasheet
401Kb / 27P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA328P-20AU ATMEL-ATMEGA328P-20AU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com