Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD734AQ Datasheet (PDF) - Analog Devices

AD734AQ Datasheet PDF - Analog Devices
Part # AD734AQ
Download  AD734AQ Download
File Size   451.92 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz, Four-Quadrant Multiplier/Divider

AD734AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD734AQ Datasheet PDF - Analog Devices

Part # AD734AQ
Download  AD734AQ Click to download

File Size   451.92 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz, Four-Quadrant Multiplier/Divider

AD734AQ Datasheet (HTML) - Analog Devices


AD734AQ Product details

GENERAL DESCRIPTION
The AD734 is an accurate high speed, four-quadrant analog multiplier that is pin compatible with the industry-standard AD534 and provides the transfer function W = XY/U. The AD734 provides a low impedance voltage output with a full power (20 V p-p) bandwidth of 10 MHz. Total static error (scaling, offsets, and nonlinearities combined) is 0.1% of full scale. Distortion is typically less than −80 dBc and guaranteed. The low capacitance X, Y, and Z inputs are fully differential. In most applications, no external components are required to define the function.
The internal scaling (denominator) voltage, U, is 10 V, derived from a buried-Zener voltage reference. A new feature provides the option of substituting an external denominator voltage, allowing the use of the AD734 as a two-quadrant divider with a 1000:1 denominator range and a signal bandwidth that remains 10 MHz to a gain of 20 dB, 2 MHz at a gain of 40 dB, and 200 kHz at a gain of 60 dB, for a gain-bandwidth product of 200 MHz.

FEATURES
High accuracy
0.1% typical error
High speed
10 MHz full power bandwidth
450 V/μs slew rate
200 ns settling to 0.1% at full power
Low distortion
−80 dBc from any input
Third-order IMD typically −75 dBc at 10 MHz
Low noise
94 dB SNR, 10 Hz to 20 kHz
70 dB SNR, 10 Hz to 10 MHz
Direct division mode
2 MHz BW at gain of 100




Similar Part No. - AD734AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734AQ AD-AD734AQ Datasheet
213Kb / 12P
10 MHz, 4-Quadrant Multiplier/Divider
REV.C
AD734AQ AD-AD734AQ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
More results


Similar Description - AD734AQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Analog Devices
AD734 AD-AD734 Datasheet
213Kb / 12P
10 MHz, 4-Quadrant Multiplier/Divider
REV.C
AD834 AD-AD834 Datasheet
258Kb / 8P
500 MHz Four-Quadrant Multiplier
REV.C
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
Analog Devices
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD834 AD-AD834_12 Datasheet
351Kb / 20P
500 MHz Four-Quadrant Multiplier
Rev. F
AD734 AD-AD734_15 Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD834 AD-AD834_15 Datasheet
351Kb / 20P
500 MHz Four-Quadrant Multiplier
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com