Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7934BRU Datasheet (PDF) - Analog Devices

AD7934BRU Datasheet PDF - Analog Devices
Part # AD7934BRU
Download  AD7934BRU Download
File Size   768.99 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer

AD7934BRU Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7934BRU Datasheet PDF - Analog Devices

Part # AD7934BRU
Download  AD7934BRU Click to download

File Size   768.99 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer

AD7934BRU Datasheet (HTML) - Analog Devices


AD7934BRU Product details

GENERAL DESCRIPTION
The AD7933/AD7934 are 10-bit and 12-bit, high speed, low power, successive approximation (SAR) analog-to-digital converters (ADCs). The parts operate from a single 2.7 V to 5.25 V power supply and feature throughput rates up to 1.5 MSPS. The parts contain a low noise, wide bandwidth, differential track and-hold amplifier that handles input frequencies up to 50 MHz.

FEATURES
   Throughput rate: 1.5 MSPS
   Specified for VDDof 2.7 V to 5.25 V
   Low power
      6 mW maximum at 1.5 MSPS with 3 V supplies
      13.5 mW maximum at 1.5 MSPS with 5 V supplies
   4 analog input channels with a sequencer
   Software configurable analog inputs
      4-channel single-ended inputs
      2-channel fully differential inputs
      2-channel pseudo differential inputs
   Accurate on-chip 2.5 V reference
      ±0.2% maximum @ 25°C, 25 ppm/°C maximum (AD7934)
   70 dB SINAD at 50 kHz input frequency
   No pipeline delays
   High speed parallel interface—word/byte modes
   Full shutdown mode: 2 μA maximum
   28-lead TSSOP package




Similar Part No. - AD7934BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7934BRU AD-AD7934BRU Datasheet
1Mb / 32P
4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Aug-2004
AD7934BRU-6 AD-AD7934BRU-6 Datasheet
750Kb / 28P
4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
10/05-Rev. 0 to Rev. A
AD7934BRU-6 AD-AD7934BRU-6 Datasheet
617Kb / 29P
4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
2/07-Rev. A to Rev. B
AD7934BRU-6REEL AD-AD7934BRU-6REEL Datasheet
617Kb / 29P
4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
2/07-Rev. A to Rev. B
AD7934BRU-6REEL7 AD-AD7934BRU-6REEL7 Datasheet
750Kb / 28P
4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
10/05-Rev. 0 to Rev. A
More results


Similar Description - AD7934BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7938 AD-AD7938 Datasheet
1Mb / 32P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Aug-2004
AD7933 AD-AD7933 Datasheet
1Mb / 32P
4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Aug-2004
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Oct-2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com