Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9235BCPZ-20 Datasheet (PDF) - Analog Devices

AD9235BCPZ-20 Datasheet PDF - Analog Devices
Part # AD9235BCPZ-20
Download  AD9235BCPZ-20 Download
File Size   838.31 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 20/40/65 MSPS 3 V A/D Converter

AD9235BCPZ-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9235BCPZ-20 Datasheet PDF - Analog Devices

Part # AD9235BCPZ-20
Download  AD9235BCPZ-20 Click to download

File Size   838.31 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 20/40/65 MSPS 3 V A/D Converter

AD9235BCPZ-20 Datasheet (HTML) - Analog Devices


AD9235BCPZ-20 Product details

GENERAL DESCRIPTION
The AD9235 is a family of monolithic, single 3 V supply, 12-bit, 20/40/65 MSPS analog-to-digital converters (ADCs). This family features a high performance sample-and-hold amplifier (SHA) and voltage reference. The AD9235 uses a multistage differential pipelined architecture with output error correction logic to provide 12-bit accuracy at 20/40/65 MSPS data rates and guarantee no missing codes over the full operating temperature range.

FEATURES
    Single 3 V supply operation (2.7 V to 3.6 V)
    SNR = 70 dBc to Nyquist at 65 MSPS
    SFDR = 85 dBc to Nyquist at 65 MSPS
    Low power: 300 mW at 65 MSPS
    Differential input with 500 MHz bandwidth
    On-chip reference and SHA
    DNL = ±0.4 LSB
    Flexible analog input: 1 V p-p to 2 V p-p range
    Offset binary or twos complement data format
    Clock duty cycle stabilizer

APPLICATIONS
    Ultrasound equipment
    IF sampling in communications receivers IS-95, CDMA-One, IMT-2000
    Battery-powered instruments
    Hand-held scopemeters
    Low cost digital oscilloscopes




Similar Part No. - AD9235BCPZ-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
833Kb / 41P
3V A/D Converter
Rev. D
More results


Similar Description - AD9235BCPZ-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9238 AD-AD9238 Datasheet
1Mb / 24P
12-Bit, 20/40/65 MSPS Dual A/D Converter
9/03-Data Sheet changed from REV. 0 to REV. A.
AD9235 AD-AD9235 Datasheet
1Mb / 32P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
5/03-Data Sheet changed from REV. A to REV. B.
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
10/05-Revision 0
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com