Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7612BSWZ Datasheet (PDF) - Analog Devices

ADV7612BSWZ Datasheet PDF - Analog Devices
Part # ADV7612BSWZ
Download  ADV7612BSWZ Download
File Size   501.13 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Port, Xpressview, 225 MHz HDMI Receiver

ADV7612BSWZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7612BSWZ Datasheet PDF - Analog Devices

Part # ADV7612BSWZ
Download  ADV7612BSWZ Click to download

File Size   501.13 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Port, Xpressview, 225 MHz HDMI Receiver

ADV7612BSWZ Datasheet (HTML) - Analog Devices


ADV7612BSWZ Product details

GENERAL DESCRIPTION
The ADV7612 is offered in automotive, professional (no HDCP), and industrial versions. The operating temperature range is −40°C to +85°C.

FEATURES
    High-Definition Multimedia Interface (HDMI®) 1.4a features supported
        All mandatory and additional 3D video formats supported
        Extended colorimetry, including sYCC601, Adobe RGB,
        Adobe YCC 601, xvYCC extended gamut color
        CEC 1.4-compatible
    HDMI receiver
        225 MHz maximum TMDS clock frequency
        Xpressview fast switching of HDMI ports
        36-/30-bit Deep Color and 24-bit color support
        High-bandwidth Digital Content Protection (HDCP) 1.4 support with internal HDCP keys
        HDCP repeater support Up to 127 KSVs supported
        Integrated CEC controller
        Programmable HDMI equalizer
        5 V detect and Hot Plug assert for each HDMI port
    Audio support
        Audio support including high bit rate (HBR) and direct stream digital (DSD)
        S/PDIF (IEC 60958-compatible) digital audio support
        Supports up to four I2S outputs
        Advanced audio mute feature
        Dedicated, flexible audio output port
        Super audio CD (SACD) with DSD output interface
        HBR audio
            Dolby® TrueHD
            DTS-HD Master Audio™
    General
        Interrupt controller with two interrupt outputs
        Standard Identification (STDI) circuit
        Highly flexible 36-bit pixel output interface
        Internal EDID RAM
        Any-to-any 3 × 3 color space conversion (CSC) matrix
        2-layer PCB design supported
        100-lead LQFP_EP, 14 mm × 14 mm package
        Qualified for Automotive Applications

APPLICATIONS
    Projectors
    Automotive
    Video conferencing
    HDTVs
    AVR, HTiB
    Soundbars
    Video switches




Similar Part No. - ADV7612BSWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
308Kb / 20P
Dual Port, Xpressview, 225 MHz HDMI Receiver
1/14-Rev. D to Rev. E
ADV7612BSWZ-P AD-ADV7612BSWZ-P Datasheet
308Kb / 20P
Dual Port, Xpressview, 225 MHz HDMI Receiver
1/14-Rev. D to Rev. E
More results


Similar Description - ADV7612BSWZ

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
HDMI Receiver
logo
Analog Devices
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7619 AD-ADV7619 Datasheet
562Kb / 24P
Dual Port, Xpressview
REV. B
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
Low Power 165 MHz HDMI Receiver
Rev. D
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
Dual Mode HDMI/MHL Receiver
6/14-Revision 0
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
Dual Port, Xpressview, 225 MHz HDMI Receiver
1/14-Rev. D to Rev. E
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
Dual Port, Xpressview, 3 GHz HDMI Receiver
10/15-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com