Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ15T1G Datasheet (PDF) - ON Semiconductor

MMSZ15T1G Datasheet PDF - ON Semiconductor
Part # MMSZ15T1G
Download  MMSZ15T1G Download
File Size   157.22 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Zener Voltage Regulators 500 mW SOD??23 Surface Mount

MMSZ15T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ15T1G Datasheet PDF - ON Semiconductor

Part # MMSZ15T1G
Download  MMSZ15T1G Click to download

File Size   157.22 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Zener Voltage Regulators 500 mW SOD??23 Surface Mount

MMSZ15T1G Datasheet (HTML) - ON Semiconductor


MMSZ15T1G Product details

Zener Voltage Regulators
500 mW SOD−123 Surface Mount

Three complete series of Zener diodes are offered in the convenient, surface mount plastic SOD−123 package. These devices provide a convenient alternative to the leadless 34−package style.

Features
• 500 mW Rating on FR−4 or FR−5 Board
• Wide Zener Reverse Voltage Range − 2.4 V to 56 V
• Package Designed for Optimal Automated Board Assembly
• Small Package Size for High Density Applications
• ESD Rating of Class 3 (> 16 kV) per Human Body Model
• AEC−Q101 Qualified and PPAP Capable
• SZ Prefix for Automotive and Other Applications Requiring Unique
   Site and Control Change Requirements
• Pb−Free Packages are Available*




Similar Part No. - MMSZ15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T1G ONSEMI-MMSZ15T1G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
MMSZ15T1G ONSEMI-MMSZ15T1G Datasheet
157Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
MMSZ15T1G ONSEMI-MMSZ15T1G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
MMSZ15T1G ONSEMI-MMSZ15T1G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
logo
TECH PUBLIC Electronics...
MMSZ15T1G-TP TECHPUBLIC-MMSZ15T1G-TP Datasheet
2Mb / 4P
SOD123 Zener Diodes
More results


Similar Description - MMSZ15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ5272BT3G ONSEMI-MMSZ5272BT3G Datasheet
130Kb / 7P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ5248ET1G ONSEMI-MMSZ5248ET1G Datasheet
154Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 8
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
logo
Shanghai Leiditech Elec...
LMSZ5221BT1G LEIDITECH-LMSZ5221BT1G Datasheet
602Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com