Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8808CECSZ Datasheet (PDF) - Analog Microelectronics

AME8808CECSZ Datasheet PDF - Analog Microelectronics
Part # AME8808CECSZ
Download  AME8808CECSZ Download
File Size   230.27 Kbytes
Page   13 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 750mA CMOS LDO

AME8808CECSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AME8808CECSZ Datasheet PDF - Analog Microelectronics

Part # AME8808CECSZ
Download  AME8808CECSZ Click to download

File Size   230.27 Kbytes
Page   13 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 750mA CMOS LDO

AME8808CECSZ Datasheet (HTML) - Analog Microelectronics


AME8808CECSZ Product details

■ General Description
The AME8808 family of positive, linear regulators feature low quiescent current (30mA typ.) with low dropout voltage, making them ideal for battery applications. The space-saving SOT-223 and TO-252-2 packages are attractive for "Pocket" and "Hand Held" applications.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the "Worst" operating conditions.
The AME8808 is stable with an output capacitance of 2.2mF or greater.

■ Features
● Very Low Dropout Voltage
● Guaranteed 750mA Output
● Accurate to within 1.5%
● 30mA Quiescent Current
● Over-Temperature Shutdown
● Current Limiting
● Short Circuit Current Fold-back
● Space-Saving SOT-223 and TO-252-2 Packages
● Factory Pre-set Output Voltages
● Low Temperature Coefficient
● All AMEs Lead Free Products Meet RoHS Standards

■ Applications
● Instrumentation
● Portable Electronics
● Wireless Devices
● Cordless Phones
● PC Peripherals
● Battery Powered Widgets




Similar Part No. - AME8808CECSZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8808CECS AME-AME8808CECS Datasheet
85Kb / 11P
750mA CMOS LDO
More results


Similar Description - AME8808CECSZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8808 AME-AME8808 Datasheet
85Kb / 11P
750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
750mA CMOS LDO
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
750mA CMOS Positive Voltage Regulator
GSC2117 GTM-GSC2117 Datasheet
818Kb / 7P
750mA CMOS POSITIVE VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
750mA CMOS Positive Voltage Regulator
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
750mA CMOS Positive Voltage Regulator
logo
Analog Microelectronics
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
750mA CMOS LDO
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
750mA CMOS LDO
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com