Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA8-16MN Datasheet (PDF) - ATMEL Corporation

ATMEGA8-16MN Datasheet PDF - ATMEL Corporation
Part # ATMEGA8-16MN
Download  ATMEGA8-16MN Download
File Size   6705.11 Kbytes
Page   331 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Atmel with 8KBytes In-System PRogrammable Flash

ATMEGA8-16MN Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA8-16MN Datasheet PDF - ATMEL Corporation

Part # ATMEGA8-16MN
Download  ATMEGA8-16MN Click to download

File Size   6705.11 Kbytes
Page   331 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Atmel with 8KBytes In-System PRogrammable Flash

ATMEGA8-16MN Datasheet (HTML) - ATMEL Corporation


ATMEGA8-16MN Product details

Overview
The Atmel®AVR® ATmega8 is a low-power CMOS 8-bit microcontroller based on the AVR RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega8 achieves throughputs approaching 1MIPS per MHz, allowing the system designer to optimize power consumption versus processing speed.

Features
• High-performance, Low-power Atmel®AVR® 8-bit Microcontroller
• Advanced RISC Architecture
   – 130 Powerful Instructions – Most Single-clock Cycle Execution
   – 32 × 8 General Purpose Working Registers
   – Fully Static Operation
   – Up to 16MIPS Throughput at 16MHz
   – On-chip 2-cycle Multiplier
• High Endurance Non-volatile Memory segments
   – 8Kbytes of In-System Self-programmable Flash program memory
   – 512Bytes EEPROM
   – 1Kbyte Internal SRAM
   – Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
   – Data retention: 20 years at 85°C/100 years at 25°C(1)
   – Optional Boot Code Section with Independent Lock Bits
      In-System Programming by On-chip Boot Program
      True Read-While-Write Operation
   – Programming Lock for Software Security
• Peripheral Features
   – Two 8-bit Timer/Counters with Separate Prescaler, one Compare Mode
   – One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
      Mode
   – Real Time Counter with Separate Oscillator
   – Three PWM Channels
   – 8-channel ADC in TQFP and QFN/MLF package
      Eight Channels 10-bit Accuracy
   – 6-channel ADC in PDIP package
      Six Channels 10-bit Accuracy
   – Byte-oriented Two-wire Serial Interface
   – Programmable Serial USART
   – Master/Slave SPI Serial Interface
   – Programmable Watchdog Timer with Separate On-chip Oscillator
   – On-chip Analog Comparator
• Special Microcontroller Features
   – Power-on Reset and Programmable Brown-out Detection
   – Internal Calibrated RC Oscillator
   – External and Internal Interrupt Sources
   – Five Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, and
      Standby
• I/O and Packages
   – 23 Programmable I/O Lines
   – 28-lead PDIP, 32-lead TQFP, and 32-pad QFN/MLF
• Operating Voltages
   – 2.7V - 5.5V (ATmega8L)
   – 4.5V - 5.5V (ATmega8)
• Speed Grades
   – 0 - 8MHz (ATmega8L)
   – 0 - 16MHz (ATmega8)
• Power Consumption at 4Mhz, 3V, 25C
   – Active: 3.6mA
   – Idle Mode: 1.0mA
   – Power-down Mode: 0.5µA




Similar Part No. - ATMEGA8-16MN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8-16MC ATMEL-ATMEGA8-16MC Datasheet
5Mb / 303P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8-16MC ATMEL-ATMEGA8-16MC Datasheet
2Mb / 23P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8-16MC ATMEL-ATMEGA8-16MC Datasheet
263Kb / 23P
8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8-16MI ATMEL-ATMEGA8-16MI Datasheet
5Mb / 303P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8-16MI ATMEL-ATMEGA8-16MI Datasheet
2Mb / 23P
8-bit AVR with 8K Bytes In-System Programmable Flash
More results


Similar Description - ATMEGA8-16MN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25 ATMEL-ATTINY25_10 Datasheet
758Kb / 30P
8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA328P-20AU ATMEL-ATMEGA328P-20AU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_14 Datasheet
7Mb / 320P
8-bit Atmel Microcontroller with 8KB In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com