Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMXB360ENEA Datasheet (PDF) - NXP Semiconductors

PMXB360ENEA Datasheet PDF - NXP Semiconductors
Part # PMXB360ENEA
Download  PMXB360ENEA Download
File Size   225.84 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 80 V, N-channel Trench MOSFET

PMXB360ENEA Datasheet (PDF)

Go To PDF Page Download Datasheet
PMXB360ENEA Datasheet PDF - NXP Semiconductors

Part # PMXB360ENEA
Download  PMXB360ENEA Click to download

File Size   225.84 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 80 V, N-channel Trench MOSFET

PMXB360ENEA Datasheet (HTML) - NXP Semiconductors


PMXB360ENEA Product details

General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small DFN1010D-3 (SOT1215) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

Features and benefits
• Logic-level compatible
• Leadless ultra small and ultra thin SMD plastic package: 1.1 × 1.0 × 0.37 mm
• Tin-plated 100 % solderable side pads for optical solder inspection
• ElectroStatic Discharge (ESD) protection > 2 kV HBM
• AEC-Q101 qualified

Applications
• Relay driver
• Power management in automotive and industrial applications
• LED driver
• DC-to-DC converter




Similar Part No. - PMXB360ENEA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMXB360ENEA NEXPERIA-PMXB360ENEA Datasheet
252Kb / 14P
80 V, N-channel Trench MOSFET
5 July 2018
logo
NXP Semiconductors
PMXB360ENEA PHILIPS-PMXB360ENEA_15 Datasheet
225Kb / 15P
80 V, N-channel Trench MOSFET
16 September 2013
More results


Similar Description - PMXB360ENEA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMXB360ENEA PHILIPS-PMXB360ENEA_15 Datasheet
225Kb / 15P
80 V, N-channel Trench MOSFET
16 September 2013
PMPB215ENEA PHILIPS-PMPB215ENEA_15 Datasheet
242Kb / 15P
80 V, single N-channel Trench MOSFET
18 December 2013
PMPB95ENEA PHILIPS-PMPB95ENEA_15 Datasheet
241Kb / 15P
80 V, single N-channel Trench MOSFET
17 December 2013
logo
Nexperia B.V. All right...
PMPB95ENEA NEXPERIA-PMPB95ENEA Datasheet
723Kb / 15P
80 V, single N-channel Trench MOSFET
PMPB215ENEA NEXPERIA-PMPB215ENEA Datasheet
723Kb / 15P
80 V, single N-channel Trench MOSFET
BUK6D230-80E NEXPERIA-BUK6D230-80E Datasheet
284Kb / 15P
80 V, N-channel Trench MOSFET
29 April 2019
BUK6D81-80E NEXPERIA-BUK6D81-80E Datasheet
298Kb / 15P
80 V, N-channel Trench MOSFET
4 April 2019
logo
VBsemi Electronics Co.,...
VBA1808S VBSEMI-VBA1808S Datasheet
755Kb / 9P
N-Channel 80 V (D-S) Super Trench Power MOSFET
VBA1810S VBSEMI-VBA1810S Datasheet
737Kb / 9P
N-Channel 80 V (D-S) Super Trench Power MOSFET
logo
Nexperia B.V. All right...
PMXB360ENEA NEXPERIA-PMXB360ENEA Datasheet
252Kb / 14P
80 V, N-channel Trench MOSFET
5 July 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com