Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8A03-H Datasheet (PDF) - Toshiba Semiconductor

TPC8A03-H Datasheet PDF - Toshiba Semiconductor
Part # TPC8A03-H
Download  TPC8A03-H Download
File Size   217.01 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode

TPC8A03-H Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8A03-H Datasheet PDF - Toshiba Semiconductor

Part # TPC8A03-H
Download  TPC8A03-H Click to download

File Size   217.01 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode

TPC8A03-H Datasheet (HTML) - Toshiba Semiconductor


TPC8A03-H Product details

High Efficiency DC-DC Converter Applications
Notebook PC Applications
Portable Equipment Applications

• Built-in schottky barrier diode
   Low forward voltage: VDSF = −0.6 V (max)
• High-speed switching
• Small gate charge: QSW = 8.4 nC (typ.)
• Low drain-source ON-resistance: RDS (ON) = 4.1 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 54 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.3 to 2.3 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPC8A03-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8A03-H TOSHIBA-TPC8A03-H Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - TPC8A03-H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO8701 ETC-AO8701 Datasheet
125Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4704 AOSMD-AO4704 Datasheet
160Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Toshiba Semiconductor
TPC8A02-H TOSHIBA-TPC8A02-H Datasheet
484Kb / 8P
竊큀SHIBA Field Effect Transistor with Built-in Schottky Barrier Diode High-Efficiency DC/DC Converter Applications
TPCA8A04-H TOSHIBA-TPCA8A04-H Datasheet
201Kb / 8P
TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
CMS14 TOSHIBA-CMS14_13 Datasheet
152Kb / 5P
TOSHIBA Schottky Barrier Diode
CMS15 TOSHIBA-CMS15_13 Datasheet
179Kb / 5P
TOSHIBA Schottky Barrier Diode
CMS17 TOSHIBA-CMS17_13 Datasheet
178Kb / 5P
TOSHIBA Schottky Barrier Diode
CRS12 TOSHIBA-CRS12_13 Datasheet
152Kb / 5P
TOSHIBA Schottky Barrier Diode
2SK3466 TOSHIBA-2SK3466 Datasheet
215Kb / 6P
TOSHIBA Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com