Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM213ARSZ-REEL Datasheet (PDF) - Analog Devices

ADM213ARSZ-REEL Datasheet PDF - Analog Devices
Part # ADM213ARSZ-REEL
Download  ADM213ARSZ-REEL Download
File Size   218.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers

ADM213ARSZ-REEL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM213ARSZ-REEL Datasheet PDF - Analog Devices

Part # ADM213ARSZ-REEL
Download  ADM213ARSZ-REEL Click to download

File Size   218.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers

ADM213ARSZ-REEL Datasheet (HTML) - Analog Devices


ADM213ARSZ-REEL Product details

GENERAL DESCRIPTION
The ADM2xxE is a family of robust RS-232 and V.28 interface devices that operate from a single 5 V power supply. These products are suitable for operation in harsh electrical environments and are compliant with the EU directive on electromagnetic compatibility (EMC) (89/336/EEC). The level of emissions and immunity are both in compliance. EM immunity includes ESD protection in excess of ±15 kV on all I/O lines (IEC 1000-4-2), fast transient burst protection (IEC 1000­4­4), and radiated immunity (IEC 1000-4-3). EM emissions include radiated and conducted emissions as required by Information Technology Equipment EN 55022, CISPR 22.

FEATURES
  Complies with 89/336/EEC EMC directive
  ESD protection to IEC 1000-4-2 (801-2)
     Contact discharge: ±8 kV
     Air-gap discharge: ±15 kV
     Human body model: ±15 kV
  EFT/burst immunity (IEC 1000-4-4)
  Low EMI emissions (EN 55022)
  Eliminates need for TransZorb® suppressors
  230 kbps data rate guaranteed
  Single 5 V power supply
  Shutdown mode 1 μW
  Plug-in upgrade for MAX2xxE
  Space saving TSSOP package available

APPLICATIONS
  Laptop computers
  Notebook computers
  Printers
  Peripherals
  Modems




Similar Part No. - ADM213ARSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM213ARSZ-REEL AD-ADM213ARSZ-REEL Datasheet
254Kb / 16P
0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM213ARSZ-REEL AD-ADM213ARSZ-REEL Datasheet
254Kb / 16P
0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
More results


Similar Description - ADM213ARSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM205 AD-ADM205 Datasheet
486Kb / 12P
0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
ADM223 AD-ADM223 Datasheet
364Kb / 16P
5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
AD230 AD-AD230 Datasheet
363Kb / 11P
5 V Powered CMOS RS-232 Drivers/Receivers
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM211ARZ AD-ADM211ARZ Datasheet
254Kb / 16P
0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
AD230 AD-AD230_15 Datasheet
4Mb / 15P
5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
ADM206 AD-ADM206 Datasheet
254Kb / 16P
0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com