Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2R72V18 Datasheet (PDF) - Epson Company

S2R72V18 Datasheet PDF - Epson Company
Part # S2R72V18
Download  S2R72V18 Download
File Size   389.12 Kbytes
Page   37 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer

S2R72V18 Datasheet (PDF)

Go To PDF Page Download Datasheet
S2R72V18 Datasheet PDF - Epson Company

Part # S2R72V18
Download  S2R72V18 Click to download

File Size   389.12 Kbytes
Page   37 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer

S2R72V18 Datasheet (HTML) - Epson Company


S2R72V18 Product details

Overview

The S2R72V18 is a USB host/device controller LSI that supports the USB 2.0 high-speed mode. It features two host ports to function as a USB root hub. One of the ports can be used as a USB device port after setting a switch to the appropriate setting.



Features

<USB 2.0 host functions>

• 2-port root hub

• Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer

• Built-in pull-down resistor for downstream ports (no external circuit required)

• Built-in HS termination (no external circuit required)

• Supports control, bulk, interrupt, and isochronous transfers

   Proven channel system designed specifically for embedded host

   One control transfer channel for each port

   One bulk transfer channel for each port

   Four bulk, interrupt, and isochronous transfer channels for each port

• USB power switching interface



<USB 2.0 device functions>

• Supports HS (480 Mbps) and FS (12 Mbps) transfer

• Built-in FS/HS termination (no external circuit required)

• VBUS 5V I/F (requires external protective circuit)

• Supports control, bulk, interrupt, and isochronous transfers

• Supports five bulk, interrupt, and isochronous transfers and Endpoint 0



<MCU I/F>

• Supports 16-bit width standard CPU bus I/F

• Includes DMA 1ch for each port (multi-word sequence)

• Big Endian (Includes bus-swapping function to support Little Endian CPUs)

• I/F variable voltage (3.3 V to 1.8 V)



<Miscellaneous>

• Clock input: Supports 12 MHz/24 MHz crystal oscillator. (built-in oscillator circuit and 1 MΩ feedback resistor)

• Power supply voltage: 3-voltage system including 3.3 V, 1.8 V, and CPU I/F power supply (3.3 V to 1.8 V)

• Package type QFP14-80, PFBGA10UX121

• Guaranteed operating temperature range: -40°C to 105°C



 




Similar Part No. - S2R72V18

ManufacturerPart #DatasheetDescription
logo
Epson Company
S2R72V27 EPSON-S2R72V27 Datasheet
536Kb / 41P
Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
More results


Similar Description - S2R72V18

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8E520 ZILOG-Z8E520 Datasheet
607Kb / 43P
1.5 MBPS USB Device Controller
logo
Micrel Semiconductor
SY69753L MICREL-SY69753L Datasheet
86Kb / 9P
3.3V 125 MBPS 155 MBPS CLOCK AND DATA RECOVERY
logo
Analog Devices
ADG772 AD-ADG772 Datasheet
408Kb / 12P
CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
8/07-Revision 0
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
Data transfer up to 10 Mbps
logo
Epson Company
S2R72V27 EPSON-S2R72V27 Datasheet
536Kb / 41P
Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
logo
Union Semiconductor, In...
UM7222 UNIONSEMI-UM7222 Datasheet
200Kb / 10P
High-Speed USB2.0 (480 Mbps) DPDT Switch
logo
Protech Systems Co., Lt...
PSB-861LF PROTECHSYSTEMS-PSB-861LF Datasheet
706Kb / 2P
Supports 2 x 10/100/1000 Mbps
logo
Level One
PFE-1001T LVL1-PFE-1001T Datasheet
1Mb / 3P
100 Mbps Data Transfer Rate
logo
Bel Fuse Inc.
SC-2CAKXXXM BEL-SC-2CAKXXXM Datasheet
790Kb / 2P
USB 2.0 can deliver up to 480 Mbps transfer speeds
logo
Analog Devices
ADN2855 AD-ADN2855 Datasheet
369Kb / 20P
Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
4/2017-Rev. A to Rev. B
More results




About Epson Company


Epson is a Japanese company that specializes in the manufacture of electronics and imaging products.
The company was founded in 1942 and is headquartered in Suwa, Nagano, Japan.
Epson offers a wide range of products including printers, projectors, industrial automation equipment, and more.
The company is known for its expertise in precision electronics and its innovative technologies in the fields of imaging, printing, and visual communication.
Epson has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its consumer and business products, Epson also provides a range of products and solutions for industrial and commercial applications, such as print head technologies, robotic systems, and wearable devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com