Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-1 Datasheet (PDF) - Omron Electronics LLC

G2R-1 Datasheet PDF - Omron Electronics LLC
Part # G2R-1
Download  G2R-1 Download
File Size   2349.06 Kbytes
Page   14 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description The Best Seller G2R

G2R-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2R-1 Datasheet PDF - Omron Electronics LLC

Part # G2R-1
Download  G2R-1 Click to download

File Size   2349.06 Kbytes
Page   14 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description The Best Seller G2R

G2R-1 Datasheet (HTML) - Omron Electronics LLC


G2R-1 Product details

Power PCB Relay
   
• Creepage distance of 8.0 mm min. between coil and contact.
• Dual-winding latching type available.
• Plug-in and quick-connect terminals available (see G2R-S(S) data sheet).
• High sensitivity (360 mW) and high capacity (16 A) types available.
• Highly stable magnetic circuit for latching endurance and
    excellent resistance to vibration and shock.
• Safety-oriented design assuring high surge resistance: 10,000 V min.
    between coil and contacts.
• UL recognized / CSA certified. RoHS Complaint




Similar Part No. - G2R-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 19P
PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1 OMRON-G2R-1 Datasheet
562Kb / 14P
Power PCB Relay
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 15P
A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1 OMRON-G2R-1 Datasheet
656Kb / 12P
Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1 OMRON-G2R-1 Datasheet
656Kb / 12P
Power PCB Relay
More results


Similar Description - G2R-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23105 MACOM-V23105 Datasheet
498Kb / 11P
The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
The Best Relaytion
logo
Panasonic Semiconductor
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-3V PANASONIC-TX2-3V Datasheet
3Mb / 7P
Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
The Best Seller G2R
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
The Best Relaytion
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
Best Seller Machine W-GM-Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com