Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10J-TP Datasheet (PDF) - Micro Commercial Components

S10J-TP Datasheet PDF - Micro Commercial Components
Part # S10J-TP
Download  S10J-TP Download
File Size   320.47 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 10 Amp Silicon Rectifier 50 to 1000 Volts

S10J-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
S10J-TP Datasheet PDF - Micro Commercial Components

Part # S10J-TP
Download  S10J-TP Click to download

File Size   320.47 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 10 Amp Silicon Rectifier 50 to 1000 Volts

S10J-TP Datasheet (HTML) - Micro Commercial Components


S10J-TP Product details

10 Amp Silicon Rectifier 50 to 1000 Volts

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)
• Low Thermal Resistance
• High Temp Soldering: 260°C for 10 Seconds At Terminals
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Maximum Thermal Resistance:10C/W Junction To Case
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - S10J-TP

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S10J-T3 WTE-S10J-T3 Datasheet
51Kb / 4P
10A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
September, 2019
More results


Similar Description - S10J-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
10A01 MCC-10A01 Datasheet
88Kb / 2P
10 Amp Rectifier 50 to 1000 Volts
S5A MCC-S5A Datasheet
345Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
10A01 MCC-10A01_11 Datasheet
456Kb / 3P
10 Amp Rectifier 50 to 1000 Volts
GS1A MCC-GS1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
GS1A-TPS05 MCC-GS1A-TPS05 Datasheet
287Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
S1A MCC-S1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
S10A MCC-S10A_11 Datasheet
300Kb / 4P
10 Amp Silicon Rectifier 50 to 1000 Volts
FR1001 MCC-FR1001 Datasheet
398Kb / 4P
10 Amp Rectifier 50 to 1000 Volts
10A01 MCC-10A01_13 Datasheet
442Kb / 3P
10 Amp Rectifier 50 to 1000 Volts
S10A MCC-S10A_13 Datasheet
230Kb / 4P
10 Amp Silicon Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com