Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293FSZ-REEL71 Datasheet (PDF) - Analog Devices

OP293FSZ-REEL71 Datasheet PDF - Analog Devices
Part # OP293FSZ-REEL71
Download  OP293FSZ-REEL71 Download
File Size   380.34 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Micropower Operational Amplifiers

OP293FSZ-REEL71 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP293FSZ-REEL71 Datasheet PDF - Analog Devices

Part # OP293FSZ-REEL71
Download  OP293FSZ-REEL71 Click to download

File Size   380.34 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Micropower Operational Amplifiers

OP293FSZ-REEL71 Datasheet (HTML) - Analog Devices


OP293FSZ-REEL71 Product details

GENERAL DESCRIPTION
The OP193/OP293 are single-supply operational amplifiers that feature a combination of high precision, low supply current, and the ability to operate at low voltages. For high performance in single-supply systems, the input and output ranges include ground, and the outputs swing from the negative rail to within 600 mV of the positive supply. For low voltage operation, the OP193/OP293 can operate down to +1.7 V or ±0.85 V.

FEATURES
   Operates from +1.7 V to ±18 V
   Low supply current: 15 µA/amplifier
   Low offset voltage: 100 µV maximum
   Outputs sink and source: ±8 mA
   No phase reversal
   Single- or dual-supply operation
   High open-loop gain: 600 V/mV
   Unity-gain stable

APPLICATIONS
   Digital scales
   Strain gages
   Portable medical equipment
   Battery-powered instrumentation
   Temperature transducer amplifier




Similar Part No. - OP293FSZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP293FSZ-REEL7 AD-OP293FSZ-REEL7 Datasheet
408Kb / 20P
Precision, Micropower Operational Amplifiers
Rev. D
More results


Similar Description - OP293FSZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP193 AD-OP193 Datasheet
266Kb / 16P
Precision, Micropower Operational Amplifiers
REV.A
OP727 AD-OP727 Datasheet
194Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
OP193 AD-OP193_02 Datasheet
216Kb / 16P
Precision, Micropower Operational Amplifiers
REV. B
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727 AD-OP727_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com