Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1650G Datasheet (PDF) - Hammond Manufacturing Ltd.

1650G Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1650G
Download  1650G Download
File Size   319.86 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Push - Pull Audiophile - Output (1608-1650 A Series)

1650G Datasheet (PDF)

Go To PDF Page Download Datasheet
1650G Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1650G
Download  1650G Click to download

File Size   319.86 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Push - Pull Audiophile - Output (1608-1650 A Series)

1650G Datasheet (HTML) - Hammond Manufacturing Ltd.


1650G Product details

PUSH - PULL "EASY HOOK-UP" "CLASSIC" TUBE TYPE - ULTRA-LINEAR OUTPUT TRANSFORMERS

• NEW & Improved version of our 1608-1650 series output transformers (re-designed secondaries for easy hookup of secondary loads)
• Designed for push-pull tube output circuits.
• Enclosed (shielded), 4 slot, above chassis Type "X" mounting.
• Frequency response 30 Hz. to 30 Khz. at full rated power (+/- 1 db max. - ref. 1 Khz) minimum. Except the 1650E (70 Hz. to 30 Khz. +/- 1 db max. - ref. 1 Khz.)
• Insulated flexible leads 8" min.
• All units (except the 1650G) include 40% screen taps for Ultra-Linear operation (if desired).
• Typical applications - Push-Pull: triode, Ultra-Linear pentode, and tetrode connected audio output. The 1650G does NOT have primary screen taps and will not support "Ultra-Linear" applications.




Similar Part No. - 1650G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1650-2 ETC2-1650-2 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
1650-2 ETC2-1650-2 Datasheet
336Kb / 1P
SWAGE THREADED STANDOFFS
1650-2 ETC2-1650-2 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
Cooper Bussmann, Inc.
16500-1 COOPER-16500-1 Datasheet
1Mb / 4P
Splicer blocks
16500-2 COOPER-16500-2 Datasheet
1Mb / 4P
Splicer blocks
More results


Similar Description - 1650G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1034 RHOMBUS-IND-T-1034 Datasheet
40Kb / 1P
PUSH - PULL SINGLE OUTPUT
3/03/95
logo
Texas Instruments
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
logo
Hammond Manufacturing L...
125A HAMMOND-125A Datasheet
461Kb / 2P
Push-Pull Output - General Purpose
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Texas Instruments
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Maxim Integrated Produc...
DS1810 MAXIM-DS1810 Datasheet
122Kb / 5P
5V EconoReset with Push-Pull Output
041002
DS1815 MAXIM-DS1815 Datasheet
121Kb / 5P
3.3V EconoReset with Push-Pull Output
041002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com