Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S82AJPZ Datasheet (PDF) - Analog Devices

AD2S82AJPZ Datasheet PDF - Analog Devices
Part # AD2S82AJPZ
Download  AD2S82AJPZ Download
File Size   198.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Variable Resolution, Monolithic Resolver-to-Digital Converters

AD2S82AJPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2S82AJPZ Datasheet PDF - Analog Devices

Part # AD2S82AJPZ
Download  AD2S82AJPZ Click to download

File Size   198.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Variable Resolution, Monolithic Resolver-to-Digital Converters

AD2S82AJPZ Datasheet (HTML) - Analog Devices


AD2S82AJPZ Product details

GENERAL DESCRIPTION

The AD2S82A is a monolithic 10-, 12-, 14- or 16-bit tracking resolver-to-digital converter contained in a 44-lead J leaded PLCC package. Two extra functions are provided in the new surface mount package–COMPLEMENT and VCO output. The AD2S81A is a monolithic 12-bit fixed resolution tracking resolver-to-digital converter packaged in a 28-lead DIP.



FEATURES

  Monolithic (BiMOS ll) Tracking R/D Converter

  Ratiometric Conversion

  Low Power Consumption: 300 mW Typ

  Dynamic Performance Set by User

  Velocity Output

  ESD Class 2 Protection (2,000 V Min)



AD2S81A

  28-Lead DIP Package

  Low Cost



AD2S82A

  44-Lead PLCC Package

  10-, 12-, 14- and 16-Bit Resolution Set by User

  High Max Tracking Rate 1040 RPS (10 Bits)

  VCO Output (Inter LSB Output)

  Data Complement Facility

  Industrial Temperature Range

 

APPLICATIONS

  DC Brushless and AC Motor Control

  Process Control

  Numerical Control of Machine Tools

  Robotics

  Axis Control



 




Similar Part No. - AD2S82AJPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S82AJP AD-AD2S82AJP Datasheet
207Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converters
REV.B
More results


Similar Description - AD2S82AJPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV.A
AD2S81A AD-AD2S81A Datasheet
207Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converters
REV.B
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80ATDB AD-AD2S80ATDB Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S81A AD-AD2S81A_15 Datasheet
198Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S82A AD-AD2S82A_15 Datasheet
198Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
Variable Resolution, Monolithic Resolver-to-Digital Converter
23-Feb-2017
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
Variable Resolution, Resolver-to-Digital Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com