Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD790JN Datasheet (PDF) - Analog Devices

AD790JN Datasheet PDF - Analog Devices
Part # AD790JN
Download  AD790JN Download
File Size   158.95 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast, Precision Comparator

AD790JN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD790JN Datasheet PDF - Analog Devices

Part # AD790JN
Download  AD790JN Click to download

File Size   158.95 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast, Precision Comparator

AD790JN Datasheet (HTML) - Analog Devices


AD790JN Product details

PRODUCT DESCRIPTION
The AD790 is a fast (45 ns), precise voltage comparator, with a number of features that make it exceptionally versatile and easy to use. The AD790 may operate from either a single 5 V supply or a dual ±15 V supply. In the single-supply mode, the AD790’s inputs may be referred to ground, a feature not found in other comparators. In the dual-supply mode it has the unique ability of handling a maximum differential voltage of 15 V across its in put terminals, easing their interfacing to large amplitude and dynamic signals.

FEATURES
  45 ns max Propagation Delay
  Single 5 V or Dual ±15 V Supply Operation
  CMOS or TTL Compatible Output
  250 μV max Input Offset Voltage
  500 μV max Input Hysteresis Voltage
  15 V max Differential Input Voltage
  Onboard Latch
  60 mW Power Dissipation
  Available in 8-Pin Plastic and Hermetic Cerdip Packages
  Available in Tape and Reel in Accordance with EIA-481A Standard

APPLICATIONS
  Zero-Crossing Detectors
  Overvoltage Detectors
  Pulse-Width Modulators
  Precision Rectifiers
  Discrete A/D Converters
  Delta-Sigma Modulator A/Ds




Similar Part No. - AD790JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD790JN AD-AD790JN Datasheet
211Kb / 8P
Fast, Precision Comparator
REV.B
AD790JN AD-AD790JN Datasheet
173Kb / 12P
Fast, Precision Comparator
03/02-Data Sheet changed from REV. B to REV. C.
AD790JN AD-AD790JN Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
AD790JNZ AD-AD790JNZ Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
More results


Similar Description - AD790JN

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM311 NJRC-NJM311 Datasheet
194Kb / 6P
PRECISION VOLTAGE COMPARATOR
logo
Analog Devices
AD790 AD-AD790 Datasheet
211Kb / 8P
Fast, Precision Comparator
REV.B
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
Ultra Fast Precision Comparator
logo
Fairchild Semiconductor
UA734 FAIRCHILD-UA734 Datasheet
509Kb / 10P
PRECISION VOLTAGE COMPARATOR
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
Fast, Precision Comparator
03/02-Data Sheet changed from REV. B to REV. C.
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
Fast, Precision Comparator
REV. D
AD790 AD-AD790_15 Datasheet
316Kb / 10P
Fast, Precision Comparator
Rev. E
logo
Renesas Technology Corp
PC311 RENESAS-PC311_15 Datasheet
359Kb / 12P
PRECISION VOLTAGE COMPARATOR
logo
Linear Technology
RH1016 LINER-RH1016_15 Datasheet
146Kb / 2P
UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
UltraFast Precision 10ns Comparator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com