Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2702 Datasheet (PDF) - Analog Devices

AD2702 Datasheet PDF - Analog Devices
Part # AD2702
Download  AD2702 Download
File Size   1593.61 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10,-10 Volt Precision Reference Series

AD2702 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2702 Datasheet PDF - Analog Devices

Part # AD2702
Download  AD2702 Click to download

File Size   1593.61 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10,-10 Volt Precision Reference Series

AD2702 Datasheet (HTML) - Analog Devices


AD2702 Product details

Features
   Very High Accuracy : 10,000 Volts +-2.5mV(L and U)
   10mA Output Current capability
   Low Noise
   Short Circuit Protected

The AD2700 family of precision 10 volt references offer the user excellent accuracy and stability at a moderate price by combining the recognized advantages of thin film technology and active laser trimming. The low temperature drift (3ppm/°C) achieved with these technologies can be matched only by the use of ovens, chip heaters for temperature regulation, or with hand selected components and manual trimming. In addition, temperature-regulated devices are guaranteed only up to +85° operation, whereas the U- and S-grade devices in the AD2700 family are guaranteed to +125°C.




Similar Part No. - AD2702

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2702 AD-AD2702 Datasheet
237Kb / 4P
(-) 10 Volt Precision Reference Series
AD2702 AD-AD2702 Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2702 AD-AD2702 Datasheet
1Mb / 4P
10 Volt Precision Reerence Series
REV. B
AD2702 AD-AD2702 Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2702 AD-AD2702 Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
More results


Similar Description - AD2702

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2700 AD-AD2700 Datasheet
237Kb / 4P
(-) 10 Volt Precision Reference Series
logo
Linear Technology
LT1031 LINER-LT1031 Datasheet
631Kb / 12P
Precision 10 Volt Reference
logo
Maxim Integrated Produc...
MX581 MAXIM-MX581 Datasheet
196Kb / 7P
High Precision 10 Volt Reference
Rev 1; 8/96
logo
Analog Devices
AD2702SD AD-AD2702SD Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2702LD AD-AD2702LD Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2700SD AD-AD2700SD Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2700UD AD-AD2700UD Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2700 AD-AD2700_15 Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2701 AD-AD2701_15 Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2702 AD-AD2702_15 Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com