Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB75N05HD Datasheet (PDF) - Motorola, Inc

MTB75N05HD Datasheet PDF - Motorola, Inc
Part # MTB75N05HD
Download  MTB75N05HD Download
File Size   254.48 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 75 AMPERES 50 VOLTS

MTB75N05HD Datasheet (PDF)

Go To PDF Page Download Datasheet
MTB75N05HD Datasheet PDF - Motorola, Inc

Part # MTB75N05HD
Download  MTB75N05HD Click to download

File Size   254.48 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 75 AMPERES 50 VOLTS

MTB75N05HD Datasheet (HTML) - Motorola, Inc


MTB75N05HD Product details

HDTMOS E-FET™ High Enegy Power FET D2PAK for Surface Mount

N-Channel Enhancement-Mode Silicon Gate



The D2PAK package has the capability of housing a larger die than any existing surface mount package which allows it to be used in applications that require the use of surface mount components with higher power and lower RDS(on) capabilities. This advanced high–cell density HDTMOS power FET is designed to withstand high energy in the avalanche and commutation modes. This new energy efficient design also offers a drain–to–source diode with a fast recovery time. Designed for low voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients.



• Avalanche Energy Specified

• Source–to–Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode

• Diode is Characterized for Use in Bridge Circuits

• IDSS and VDS(on) Specified at Elevated Temperature

• Short Heatsink Tab Manufactured — Not Sheared

• Specially Designed Leadframe for Maximum Power Dissipation

• Available in 24 mm 13–inch/800 Unit Tape & Reel, Add T4 Suffix to Part Number



 




Similar Part No. - MTB75N05HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB75N05HD ONSEMI-MTB75N05HD Datasheet
246Kb / 8P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 7
MTB75N05HDT4 ONSEMI-MTB75N05HDT4 Datasheet
246Kb / 8P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 7
More results


Similar Description - MTB75N05HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
TMOS POWER FET 2.0 AMPERES 250 VOLTS
MTB1306 MOTOROLA-MTB1306 Datasheet
176Kb / 8P
TMOS POWER FET 75 AMPERES
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB50N06EL MOTOROLA-MTB50N06EL Datasheet
97Kb / 4P
TMOS POWER FET LOGIC LEVEL 50 AMPERES 60 VOLTS
MTB50P03HDL MOTOROLA-MTB50P03HDL Datasheet
182Kb / 12P
TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS
MTB75N03HDL MOTOROLA-MTB75N03HDL Datasheet
304Kb / 12P
TMOS POWER FET LOGIC LEVEL 75 AMPERES 25 VOLTS
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
TMOS POWER FET 75 AMPERES 60 VOLTS
MTP1306 MOTOROLA-MTP1306 Datasheet
171Kb / 8P
TMOS POWER FET 75 AMPERES 30 VOLTS RDS(on) = 0.0065 OHM
MTP75N05HD MOTOROLA-MTP75N05HD Datasheet
214Kb / 8P
TMOS POWER FET 75 AMPERES RDS(on) = 9.5 mW 50 VOLTS
MTP75N06HD MOTOROLA-MTP75N06HD Datasheet
275Kb / 8P
TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com