Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5262B Datasheet (PDF) - Vishay Siliconix

1N5262B Datasheet PDF - Vishay Siliconix
Part # 1N5262B
Download  1N5262B Download
File Size   99.96 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes

1N5262B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5262B Datasheet PDF - Vishay Siliconix

Part # 1N5262B
Download  1N5262B Click to download

File Size   99.96 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes

1N5262B Datasheet (HTML) - Vishay Siliconix


1N5262B Product details

FEATURES
• Silicon planar power Zener diodes
• Standard Zener voltage tolerance is ± 5 % with
   a “B” suffix in the ordering code (e.g.: 1N5221B),
   suffix “C” is ± 2 % tolerance
• These diodes are also available in MiniMELF
   case with the type designation TZM5221 to
   TZM5267, SOT-23 case with the type
   designations MMBZ5225 to MMBZ5267 and
   SOD-123 case with the types designations MMSZ5225 to
   MMSZ5267
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
   please see www.vishay.com/doc?99912

APPLICATIONS
• Voltage stabilization




Similar Part No. - 1N5262B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5262B FAIRCHILD-1N5262B Datasheet
85Kb / 3P
Absolute Maximum Ratings
1N5262B FAIRCHILD-1N5262B Datasheet
85Kb / 3P
Zeners
logo
Diodes Incorporated
1N5262B DIODES-1N5262B Datasheet
34Kb / 2P
500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
logo
Formosa MS
1N5262B FORMOSA-1N5262B Datasheet
94Kb / 3P
Zener diode
logo
Comchip Technology
1N5262B COMCHIP-1N5262B Datasheet
32Kb / 2P
500mw Epitaxial Zener Diode
More results


Similar Description - 1N5262B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
15-Mar-06
TZM VISHAY-TZM Datasheet
104Kb / 8P
Small Signal Zener Diodes
28-Feb-06
MMSZ5245B-V-GS08 VISHAY-MMSZ5245B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
1N5242BTR VISHAY-1N5242BTR Datasheet
99Kb / 6P
Small Signal Zener Diodes
06-May-13
TLZ5V6B-GS08 VISHAY-TLZ5V6B-GS08 Datasheet
110Kb / 8P
Small Signal Zener Diodes
26-Jun-12
BZX84-V_SERIES VISHAY-BZX84-V_SERIES Datasheet
114Kb / 8P
Small Signal Zener Diodes
08-Dec-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
TZM5242B-GS08 VISHAY-TZM5242B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com