Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898111AXA Datasheet (PDF) - ON Semiconductor

LC898111AXA Datasheet PDF - ON Semiconductor
Part # LC898111AXA
Download  LC898111AXA Download
File Size   158.14 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description OIS Controller & Driver

LC898111AXA Datasheet (PDF)

Go To PDF Page Download Datasheet
LC898111AXA Datasheet PDF - ON Semiconductor

Part # LC898111AXA
Download  LC898111AXA Click to download

File Size   158.14 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description OIS Controller & Driver

LC898111AXA Datasheet (HTML) - ON Semiconductor


LC898111AXA Product details

Overview
The LC898111AXA and the LC898111AXB are image stabilization system control LSIs for smartphone camera modules.
The LSIs have built-in digital signal processing circuits, such as a 2ch saturation H-Bridge Driver and a Flexible Filter circuit, and control VCM type actuators.
The LC898111AXA and the LC898111AXB are identical LSIs except for the dimensions, i.e. XA has WLP thickness, max. 0.33 mm without back coat (B/C) and XB has WLP thickness, max. 0.69 mm with B/C.

Function
■ Digital signal processing LSI (Logic LSI)
   • Built-in digital servo circuit
   • Built-in Gyro filter
   • AD converter
      • 12-bit
      • input 5ch
      • Equipped with a sample-hold circuit
   • DA converter
      • 8-bit
      • Output 2ch (Constant current Bias : max 7mA)
   • Built-in Serial I/F circuit (2-wire I2C-Bus or 4-wire SPI Bus interface)
   • Built-in Hall Bias circuit
   • Built-in Hall Amp (Gain of Opamp : x25, x50, x75, x100, x150, x200)
   • Built-in OSC (Oscillator)
      48MHz ± 5% (Frequency adjustment function)
   • External Clock input is possible from TSTCLK (48MHz ± 5%)
   • Built-in LDO (Low Drop-Out regulator)
   • Digital Gyro I/F for the companies (SPI Bus)
      (Please refer for the details)
   • Support Hall sensor and Photo Reflector as means to detect a position

■ Motor Driver
   • Saturation-drive H bridge x2ch
   • IO max : 220mA

■ Package
   • LC898111AXA : WLP48J
      (2.57mm x 3.22mm, thickness max 0.33mm, without B/C)
   • LC898111AXB : WLP48
      (2.57mm x 3.22mm, thickness max 0.69mm, with B/C)
   • Pb-free
   • Halogen Free

■ Power supply voltage
   • Logic : DVDD30 = 2.6 to 3.6 V
   • Driver : VM = 2.6 to 3.6 V




Similar Part No. - LC898111AXA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898111AXA ONSEMI-LC898111AXA Datasheet
158Kb / 7P
OIS Controller & Driver
May, 2013 Ver.3.5b
LC898111AXA-MH ONSEMI-LC898111AXA-MH Datasheet
158Kb / 7P
OIS Controller & Driver
May, 2013 Ver.3.5b
More results


Similar Description - LC898111AXA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PCF2104X MOTOROLA-PCF2104X Datasheet
269Kb / 56P
LCD controller/driver
logo
Silan Microelectronics ...
SC16315 SILAN-SC16315 Datasheet
556Kb / 11P
VFD CONTROLLER/DRIVER
logo
Sanyo Semicon Device
LC898113 SANYO-LC898113 Datasheet
161Kb / 7P
OIS Controller & Driver
logo
ON Semiconductor
ENA2189 ONSEMI-ENA2189 Datasheet
158Kb / 7P
OIS Controller & Driver
May, 2013 Ver.3.5b
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
logo
TDK Electronics
IDG-2030U TDK-IDG-2030U Datasheet
293Kb / 1P
Miniature Dual-Axis OIS Optimized MEMS Gyroscope
logo
ON Semiconductor
LC898128DP ONSEMI-LC898128DP Datasheet
170Kb / 10P
OIS & Open-AF Control LSI
September, 2021 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com