Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC125 Datasheet (PDF) - ON Semiconductor

74HC125 Datasheet PDF - ON Semiconductor
Part # 74HC125
Download  74HC125 Download
File Size   121.84 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 3?뭆tate Noninverting Buffers

74HC125 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC125 Datasheet PDF - ON Semiconductor

Part # 74HC125
Download  74HC125 Click to download

File Size   121.84 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 3?뭆tate Noninverting Buffers

74HC125 Datasheet (HTML) - ON Semiconductor


74HC125 Product details

Quad 3−State Noninverting Buffers High−Performance Silicon−Gate CMOS

The MC74HC125A and MC74HC126A are identical in pinout to the LS125 and LS126. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
The HC125A and HC126A noninverting buffers are designed to be used with 3−state memory address drivers, clock drivers, and other bus−oriented systems. The devices have four separate output enables that are active−low (HC125A) or active−high (HC126A).

Features
• Output Drive Capability: 15 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 μA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the JEDEC Standard No. 7A Requirements
• Chip Complexity: 72 FETs or 18 Equivalent Gates
• Pb−Free Packages are Available




Similar Part No. - 74HC125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC125 PHILIPS-74HC125 Datasheet
42Kb / 6P
Quad buffer/line driver; 3-state
December 1990
logo
ON Semiconductor
74HC125 ONSEMI-74HC125 Datasheet
132Kb / 8P
Quad 3?뭆tate Noninverting Buffers
March, 2007 ??Rev. 0
logo
Diodes Incorporated
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
QUADRUPLE 3-STATE BUFFERS OE LOW
Rev 3
logo
Nexperia B.V. All right...
74HC125 NEXPERIA-74HC125 Datasheet
239Kb / 13P
Quad buffer/line driver; 3-state
Rev. 7 - 4 February 2021
logo
Silicon Supplies
74HC125 SS-74HC125 Datasheet
306Kb / 6P
High Speed CMOS Logic
Rev 1.0 22/04/19
More results


Similar Description - 74HC125

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC125 SLS-SL74HC125 Datasheet
45Kb / 5P
Quad 3-State Noninverting Buffers
logo
Integral Corp.
IN74HCT126A INTEGRAL-IN74HCT126A Datasheet
135Kb / 5P
QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT126 INTEGRAL-IN74VHCT126 Datasheet
266Kb / 7P
Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
Quad 3-State Noninverting Buffers
KK74VHC126 KODENSHI-KK74VHC126 Datasheet
296Kb / 7P
QUAD 3-STATE NONINVERTING BUFFERS
logo
Motorola, Inc
MC74HC125A MOTOROLA-MC74HC125A Datasheet
148Kb / 6P
Quad 3-State Noninverting Buffers
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
Quad 3-State Noninverting Buffers
logo
ON Semiconductor
74HC125 ONSEMI-74HC125 Datasheet
132Kb / 8P
Quad 3?뭆tate Noninverting Buffers
March, 2007 ??Rev. 0
MC74HC125ADR2G ONSEMI-MC74HC125ADR2G Datasheet
142Kb / 8P
Quad 3-State Noninverting Buffers
May, 2013 ??Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com