Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBS811 Datasheet (PDF) - ON Semiconductor

SBS811 Datasheet PDF - ON Semiconductor
Part # SBS811
Download  SBS811 Download
File Size   307.11 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Diode 30V, 2A, Low VF, Non-Monolithic Dual VEC8 Common Cathode

SBS811 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBS811 Datasheet PDF - ON Semiconductor

Part # SBS811
Download  SBS811 Click to download

File Size   307.11 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Diode 30V, 2A, Low VF, Non-Monolithic Dual VEC8 Common Cathode

SBS811 Datasheet (HTML) - ON Semiconductor


SBS811 Product details

Features
• Small Switching noise
• Low forward voltage (IF=2A, VF max=0.40V)

Applications
• High frequency rectification (switching regulators, converters, choppers)




Similar Part No. - SBS811

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS811 SANYO-SBS811 Datasheet
50Kb / 3P
SBS811
More results


Similar Description - SBS811

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBL25L20CT VISHAY-SBL25L20CT Datasheet
157Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
08-Apr-08
logo
ON Semiconductor
SB80W06T-TL-H ONSEMI-SB80W06T-TL-H Datasheet
344Kb / 7P
Schottky Barrier Diode 60V, 8A, Low IR, Monolithic Dual TP Common Cathode
September, 2013
SBE805-S-TL-E ONSEMI-SBE805-S-TL-E Datasheet
323Kb / 6P
Schottky Barrier Diode 30V, 0.5A, Low IR, Non-Monolithic Dual CPH5 Common Cathode
September, 2013
SB05W05C-TB-E ONSEMI-SB05W05C-TB-E Datasheet
296Kb / 6P
Schottky Barrier Diode 50V, 0.5A, Low IR, Monolithic Dual CP Common Cathode
September, 2013
logo
Vishay Siliconix
SBL25L20CT VISHAY-SBL25L20CT_15 Datasheet
148Kb / 6P
Dual Low VF Common Cathode Schottky Rectifier
12-Jun-13
logo
Bruckewell Technology L...
MBRF20L45CT BWTECH-MBRF20L45CT Datasheet
118Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF20200CT BWTECH-MBRF20200CT Datasheet
346Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
logo
Vishay Siliconix
SBL25LXXCT VISHAY-SBL25LXXCT Datasheet
144Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
12-Jun-13
SBL25L30CT VISHAY-SBL25L30CT_V01 Datasheet
160Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
19-Sep-2018
SBLFB25L20CT VISHAY-SBLFB25L20CT Datasheet
149Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
08-Apr-08
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com