Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8018ARUZ Datasheet (PDF) - Analog Devices

AD8018ARUZ Datasheet PDF - Analog Devices
Part # AD8018ARUZ
Download  AD8018ARUZ Download
File Size   326.05 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier

AD8018ARUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8018ARUZ Datasheet PDF - Analog Devices

Part # AD8018ARUZ
Download  AD8018ARUZ Click to download

File Size   326.05 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier

AD8018ARUZ Datasheet (HTML) - Analog Devices


AD8018ARUZ Product details

PRODUCT DESCRIPTION
The AD8018 is intended for use in single-supply (5 V) xDSL modems where high-output current and low distortion are essential to achieve maximum reach. The dual high-speed amplifiers are capable of driving low distortion signals to within 0.5 V of the power supply rail.
   
FEATURES
    Ideal xDSL Line Drive Amplifier for USB, PCMCIA, or
        PCI-Based Customer Premise Equipment (CPE). The
        AD8018 provides maximum reach on 5 V supply,
        driving 16 dBm of power into a back-terminated,
        transformer-coupled 100 Ω while maintaining –82 dBc
        of out-of-band SFDR.
    Rail-to-Rail Output Voltage and High Output Current
        Drive
    400 mA Output Current into Differential Load of 10 Ω
        @ 8 V p-p
    Low Single-Tone Distortion
        –86 dBc Worst Harmonic, 6 V p-p into Differential 10 Ω
        @ 100 kHz
    Low Noise
        4.5 nV/√Hz Voltage Noise Density, 100 kHz
    Out-of-Band SFDR = –82 dBc, 144 kHz to 500 kHz,
        RLOAD = 12.5 Ω, PLINE = 13 dBm
    Low-Power Operation
        3.3 V to 8 V Power Supply Range
        Two Logic Bits for Standby and Shutdown
    Low Supply Current of 9 mA/Amplifier (Typ)
    Current Feedback Amplifiers
    High Speed
        130 MHz Bandwidth (–3 dB)
        300 V/μs Slew Rate
   
APPLICATIONS
    xDSL USB, PCI, PCMCIA Cards
    Consumer DSL Modems
    Twisted Pair Line Driver
   




Similar Part No. - AD8018ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8018ARU AD-AD8018ARU Datasheet
339Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV.0
AD8018ARU-EVAL AD-AD8018ARU-EVAL Datasheet
339Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV.0
AD8018ARU-REEL AD-AD8018ARU-REEL Datasheet
339Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV.0
More results


Similar Description - AD8018ARUZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
logo
Analog Devices
AD8018 AD-AD8018 Datasheet
339Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV.0
AD8397 AD-AD8397 Datasheet
379Kb / 16P
Rail-to-Rail, High Output Current Amplifier
1/05-Revision 0
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
Analog Devices
AD8018AR-REEL7 AD-AD8018AR-REEL7 Datasheet
340Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018_15 Datasheet
340Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
Rail-to-Rail, High Output Current Amplifier
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com