Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3339 Datasheet (PDF) - Analog Devices

ADP3339 Datasheet PDF - Analog Devices
Part # ADP3339
Download  ADP3339 Download
File Size   252.04 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator

ADP3339 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3339 Datasheet PDF - Analog Devices

Part # ADP3339
Download  ADP3339 Click to download

File Size   252.04 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator

ADP3339 Datasheet (HTML) - Analog Devices


ADP3339 Product details

GENERAL DESCRIPTION

The ADP3339 is a member of the ADP33xx family of precision, low dropout, anyCAP voltage regulators. The ADP3339 operates with an input voltage range of 2.8 V to 6 V and delivers a load current up to 1.5 A. The ADP3339 stands out from the conventional LDOs with a novel architecture and an enhanced process that enables it to offer performance advantages and higher output current than its competition. Its patented design requires only a 1.0 µF output capacitor for stability. This device is insensitive to output capacitor equivalent series resistance (ESR), and is stable with any good quality capacitor, including ceramic (MLCC) types for space-restricted applications.



FEATURES

High accuracy over line and load: ±0.9% @ 25°C,±1.5% over temperature

Ultralow dropout voltage: 230 mV (typ) @ 1.5 A

Requires only CO = 1.0 µF for stability

anyCAP = stable with any type of capacitor (including MLCC)

Current and thermal limiting

Low noise

2.8 V to 6 V supply range

–40°C to +85°C ambient temperature range

SOT-223 package



APPLICATIONS

Notebook, palmtop computers

SCSI terminators

Battery-powered systems

PCMCIA regulators

Bar code scanners

Camcorders, cameras




Similar Part No. - ADP3339

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV.0
ADP3339 AD-ADP3339 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339 AD-ADP3339 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339 AD-ADP3339 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh
REV. C
ADP3339AKC-1.5-RL AD-ADP3339AKC-1.5-RL Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
More results


Similar Description - ADP3339

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV.0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV.0
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-1.8-RL AD-ADP3339AKCZ-1.8-RL Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5-RL7 AD-ADP3339AKC-2.5-RL7 Datasheet
345Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. A
ADP3339AKC-2.5 AD-ADP3339AKC-2.5 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-5-RL7 AD-ADP3339AKC-5-RL7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh
REV. C
ADP3339 AD-ADP3339_15 Datasheet
252Kb / 12P
High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com