Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD8N06E Datasheet (PDF) - Motorola, Inc

MTD8N06E Datasheet PDF - Motorola, Inc
Part # MTD8N06E
Download  MTD8N06E Download
File Size   185.62 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 8.0 AMPERES 60 VOLTS RDS(on) = 0.12 OHM

MTD8N06E Datasheet (PDF)

Go To PDF Page Download Datasheet
MTD8N06E Datasheet PDF - Motorola, Inc

Part # MTD8N06E
Download  MTD8N06E Click to download

File Size   185.62 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 8.0 AMPERES 60 VOLTS RDS(on) = 0.12 OHM

MTD8N06E Datasheet (HTML) - Motorola, Inc


MTD8N06E Product details

TMOS E-FET Power Field Effect Transistor DPAK for Surface Mount
N–Channel Enhancement–Mode Silicon Gate

This advanced TMOS E–FET is designed to withstand high energy in the avalanche and commutation modes. The new energy efficient design also offers a drain–to–source diode with a fast recovery time. Designed for low voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients.

• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
• Surface Mount Package Available in 16 mm, 13–inch/2500 Unit Tape & Reel, Add T4 Suffix to Part Number




Similar Part No. - MTD8N06E

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD8000M3B-T MARKTECH-MTD8000M3B-T Datasheet
570Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTD8000M3B-T MARKTECH-MTD8000M3B-T Datasheet
570Kb / 3P
Photo Transistor
MTD8000M3B-T MARKTECH-MTD8000M3B-T_15 Datasheet
570Kb / 3P
Photo Transistor
MTD8000N MARKTECH-MTD8000N Datasheet
56Kb / 2P
Metal Can Photo Transistor
MTD8000N MARKTECH-MTD8000N Datasheet
329Kb / 1P
Optical Switches, Edge Sensing
More results


Similar Description - MTD8N06E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
MTP15N06V MOTOROLA-MTP15N06V Datasheet
163Kb / 8P
TMOS POWER FET 15 AMPERES 60 VOLTS RDS(on) = 0.12 OHM
MTP1N60E MOTOROLA-MTP1N60E Datasheet
232Kb / 8P
TMOS POWER FET 1.0 AMPERES 600 VOLTS RDS(on) = 8.0 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTP8N06E MOTOROLA-MTP8N06E Datasheet
212Kb / 8P
TMOS POWER FET 8.0 AMPERES 60 VOLTS RDS(on) = 0.12 OHM
MTP8N50E MOTOROLA-MTP8N50E Datasheet
158Kb / 6P
TMOS POWER FET 8.0 AMPERES 500 VOLTS RDS(on) = 0.8 OHM
MTW8N60E MOTOROLA-MTW8N60E Datasheet
70Kb / 2P
TMOS POWER FET 8.0 AMPERES 600 VOLTS RDS(on) = 0.55 OHM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com