Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC17XSF500EK Datasheet (PDF) - Freescale Semiconductor, Inc

MC17XSF500EK Datasheet PDF - Freescale Semiconductor, Inc
Part # MC17XSF500EK
Download  MC17XSF500EK Download
File Size   1098.04 Kbytes
Page   70 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Penta 17 mOhm High Side Switch

MC17XSF500EK Datasheet (PDF)

Go To PDF Page Download Datasheet
MC17XSF500EK Datasheet PDF - Freescale Semiconductor, Inc

Part # MC17XSF500EK
Download  MC17XSF500EK Click to download

File Size   1098.04 Kbytes
Page   70 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Penta 17 mOhm High Side Switch

MC17XSF500EK Datasheet (HTML) - Freescale Semiconductor, Inc




Similar Part No. - MC17XSF500EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC17XSF500 FREESCALE-MC17XSF500 Datasheet
8Mb / 2P
Penta 17 m High-Side Switch
More results


Similar Description - MC17XSF500EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
Smart Rear Corner Light Switch(penta 35 mOhm)
07XSF517 FREESCALE-07XSF517 Datasheet
1Mb / 72P
Triple 7.0 mOhm and Dual 17 mOhm High Side Switch
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
MC17XSF500 FREESCALE-MC17XSF500 Datasheet
8Mb / 2P
Penta 17 m High-Side Switch
logo
NXP Semiconductors
MC12XS6D1 NXP-MC12XS6D1 Datasheet
1Mb / 72P
17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
MC12XS6D3 NXP-MC12XS6D3 Datasheet
1Mb / 69P
Penta 40 mOhm high-side switch
Rev. 6.0, 9/2020
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
MC17XS6500 NXP-MC17XS6500 Datasheet
987Kb / 73P
Penta 17 mOhm High-side Switch
Rev. 5.0, 12/2017
MC35XS3500 NXP-MC35XS3500 Datasheet
2Mb / 45P
Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com