Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC0104CA Datasheet (PDF) - ATMEL Corporation

AT88SC0104CA Datasheet PDF - ATMEL Corporation
Part # AT88SC0104CA
Download  AT88SC0104CA Download
File Size   289.27 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description One of a family of devices with user memories from 1Kbit to 8Kbits

AT88SC0104CA Datasheet (PDF)

Go To PDF Page Download Datasheet
AT88SC0104CA Datasheet PDF - ATMEL Corporation

Part # AT88SC0104CA
Download  AT88SC0104CA Click to download

File Size   289.27 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description One of a family of devices with user memories from 1Kbit to 8Kbits

AT88SC0104CA Datasheet (HTML) - ATMEL Corporation


AT88SC0104CA Product details

Description
The Atmel AT88SC0104CA member of the Atmel CryptoMemory® family is a high-performance secure memory providing 1Kbit of user memory with advanced security and cryptographic features built in. The user memory is divided into four 32-byte zones, each of which may be individually set with different security access rights or effectively combined together to provide space for one to four data files. The AT88SC0104CA features an enhanced command set that allows direct communication with microcontroller hardware two-wire interface thereby allowing for faster firmware development with reduced code space requirements.

Features
• One of a family of devices with user memories from 1Kbit to 8Kbits
• 1Kbit (128-byte) EEPROM user memory
   • Four 256-bit (32-byte) zones
   • Self-timed write cycle
   • Single byte or 16-byte page write mode
   • Programmable access rights for each zone
• 2Kbit configuration zone
   • 37-byte OTP Area for User-defined Codes
   • 160-byte Area for User-defined Keys and Passwords
• High security features
   • 64-bit mutual authentication protocol (under license of ELVA)
   • Cryptographic Message Authentication Codes (MAC)
   • Stream encryption
   • Four key sets for authentication and encryption
   • Eight sets of two 24-bit passwords
   • Anti-tearing function
   • Voltage and frequency monitors
• Smart card features
   • ISO 7816 Class B (3V) operation
   • ISO 7816-3 asynchronous T=0 protocol (Gemplus® Patent) *
   • Multiple zones, key sets and passwords for multi-application use
   • Synchronous two-wire serial interface for faster device initialization *
   • Programmable 8-byte answer-to-reset register
   • ISO 7816-2 compliant modules
• Embedded application features
   • Low voltage supply: 2.7V – 3.6V
   • Secure nonvolatile storage for sensitive system or user information
   • Two-wire serial interface (TWI, 5V compatible)
   • 1.0MHz compatibility for fast operation
   • Standard 8-lead plastic packages, green compliant (exceeds RoHS)
   • Same pin configuration as Atmel® AT24CXXX Serial EEPROM in SOIC and PDIP packages
• High reliability
   • Endurance: 100,000 cycles
   • Data retention: 10 years
   • ESD protection: 2,000V min




Similar Part No. - AT88SC0104CA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
530Kb / 20P
CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
1Mb / 58P
CryptoMemory Specification for Standard Mode of Operation
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
219Kb / 24P
CryptoMemory짰
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
664Kb / 66P
Atmel CryptoMemory Specification Datasheet
AT88SC0104CA-MJ ATMEL-AT88SC0104CA-MJ Datasheet
530Kb / 20P
CryptoMemory
More results


Similar Description - AT88SC0104CA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE56610 PHILIPS-NE56610 Datasheet
124Kb / 9P
Family of devices designed to generate a reset signal for a variety of microprocessor and logic systems
February 23, 2001
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
a member of the M68HC05 family of HCMOS
logo
List of Unclassifed Man...
SERIES ETC2-SERIES_61 Datasheet
925Kb / 9P
Choose one component from each of the colored sections to assemble a complete switch.
logo
ATMEL Corporation
AT88SC3216C ATMEL-AT88SC3216C_14 Datasheet
208Kb / 21P
One of a Family of 9 Devices with User Memories from 1-Kbit to 256-Kbit
AT88SC6416C ATMEL-AT88SC6416C_14 Datasheet
191Kb / 20P
One of a Family of Devices with User Memories from 1-Kbit to 256-Kbit
AT88SC12816C ATMEL-AT88SC12816C_14 Datasheet
194Kb / 21P
One of a Family of 9 Devices with User Memories from 1-Kbit to 256-Kbit
AT88SC25616C ATMEL-AT88SC25616C_14 Datasheet
191Kb / 20P
One of a Family of 9 Devices with User Memories from 1-Kbit to 256-Kbit
logo
Xilinx, Inc
XC17S00 XILINX-XC17S00 Datasheet
110Kb / 9P
Spartan Family of One-Time
logo
Littelfuse
CHIPSESD LITTELFUSE-CHIPSESD Datasheet
829Kb / 6P
ChipSESD family of Silicon ESD devices
logo
Future Technology Devic...
USB-COM232-PLUS4 FTDI-USB-COM232-PLUS4 Datasheet
686Kb / 23P
The USB-COM-Plus modules are a family of communication devices
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com